Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV0021 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # EV0021
Description  High Efficiency White LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV0021 Datasheet(HTML) 5 Page - Monolithic Power Systems

  EV0021 Datasheet HTML 1Page - Monolithic Power Systems EV0021 Datasheet HTML 2Page - Monolithic Power Systems EV0021 Datasheet HTML 3Page - Monolithic Power Systems EV0021 Datasheet HTML 4Page - Monolithic Power Systems EV0021 Datasheet HTML 5Page - Monolithic Power Systems EV0021 Datasheet HTML 6Page - Monolithic Power Systems EV0021 Datasheet HTML 7Page - Monolithic Power Systems EV0021 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MP1521
High Efficiency
White LED Driver
MP1521 Rev 2.7 10/06/04
www.monolithicpower.com
5
Monolithic Power Systems
Functional Description
Operation
The MP1521 utilizes a constant off-time
control scheme (Refer to the Block
Diagram). For maximum brightness, the
BRT pin is biased at or above 1.2V. Its
voltage is routed through the unity gain
buffer whose the output of is clamped at
1.2V. A 20K/10K divider from the Buffer to
the non-inverting input of the Feedback
comparator divides the BRT voltage by
three to set the current sense threshold. If
any of the feedback pins FB1, FB2, or FB3
is lower than this threshold the Power FET
is turned on. The Power MOSFET and
inductor current increases until the current
limit comparator trips at 0.5A turning off the
MOSFET for 500ns. At the end of 500ns if
any of the Feedback pins are still lower
than the current sense threshold. The
Power FET is again turned on. This cycle
repeats itself until all three of the feedback
pins exceed the threshold.
Analog Brightness Adjust
Analog Brightness Adjust is accomplished
by applying a voltage between 0.26V to
1.2V on the BRT pin.
The 1.23V REF
output can be used to bias a potentiometer
whose wiper drives the BRT pin.
PWM/ Brightness Adjust
PWM Brightness Adjust is accomplished
by driving the BRT pin with a square wave
whose low voltage is below 0.2V and
whose high voltage is greater than 1.2V. A
voltage below 0.2V forces the Power
MOSFET off. A voltage greater than 1.2V
will cause all three feedback pins to
regulate at or above 0.4V
Open Load Shut-Off
Open Load Shut-Off is implemented by
connecting the OLS pin to VOUT. In the
fault condition where the connection to the
LED’s is open, VOUT will rise up, as all the
feedback pins are absent of voltage. Once
VOUT exceeds 28V, the part will cease
operation until the EN pin is cycled off and
on.
To disable the open load shut-off
feature, connect the OLS pin to GND.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com