Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EV0021 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # EV0021
Description  High Efficiency White LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

EV0021 Datasheet(HTML) 1 Page - Monolithic Power Systems

  EV0021 Datasheet HTML 1Page - Monolithic Power Systems EV0021 Datasheet HTML 2Page - Monolithic Power Systems EV0021 Datasheet HTML 3Page - Monolithic Power Systems EV0021 Datasheet HTML 4Page - Monolithic Power Systems EV0021 Datasheet HTML 5Page - Monolithic Power Systems EV0021 Datasheet HTML 6Page - Monolithic Power Systems EV0021 Datasheet HTML 7Page - Monolithic Power Systems EV0021 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MP1521
High Efficiency
White LED Driver
MP1521 Rev 2.7 10/06/04
www.monolithicpower.com
1
Monolithic Power Systems
General Description
The MP1521 is a constant-current Boost
Regulator.
This IC has three individual
current-sensing feedbacks, which are ideal for
driving multiple strings of series connected
LEDs. The OLS pin is designed for detecting
loose or open LED connections.
The IC uses a peak current, constant minimum
off-time architecture. The feedback pins
measure voltage across sense resistors in
series with the LED strings. When supplying a
bias current of 20mA, the voltage drop across
the sense resistor is only 0.4V to minimize
power loss. Either a DC voltage or a PWM
signal at the BRT/PWM input can control the
LED brightness.
The MP1521 has an on board power MOSFET
switch that is protected by current limit, open
load shutdown, thermal shutdown, and under
voltage lockout.
Ordering Information
Part Number
∗
Package
Temperature
MP1521EK
MSOP10
-20
° to +85°C
MP1521EQ
QFN16 (3x3)
-20
° to +85°C
EV0005
MP1521EK Evaluation Board
EV0021
MP1521EQ Evaluation Board
∗ For Tape & Reel, add suffix –Z (i.e., MP1521EK–Z)
For Lead Free, add suffix –LF (i.e., MP1521EK–LF–Z)
Features
On Board Power MOSFET
Drive 9 White LEDs from 2.7V Input
Drive 15 White LEDs from 5V Input
Up to 90% Efficiency
Over 80mA Output Current Capacity
Open Load Shutdown
Low Current Sensing Feedback Voltage
Up to 3 String Current Sensing Feedback
Analog and Digital PWM Brightness Control
UVLO, Thermal Shutdown
Soft Start
Internal Current Limit
Available in Compact MSOP10 and
Tiny 3 mm x 3 mm QFN16 Package
Evaluation Boards Available
Applications
Handheld Computers, Cell phones, PDAs,
Digital and Video Cameras, Small LCD
Displays
Li Ion and NiMH Battery Applications
Typical Application Circuit (One String of Six (6) LEDs)
8
7
IN
BRT/PWM
FB1
OLS
SW
10
GND 9
CIN
COUT
EN
REF
4
3
2
1
D1
MP1521
L1
6
5
FB2
FB3
White LEDs
BRT/
PWM
EN
GND
OFF
ON
VIN
Efficiency vs LED current, 1 string of 6
Using Toko D62CB 47
µHInductor
50
60
70
80
90
100
5
10
15
20
25
LED Current (mA)
VIN = 5V
VIN = 4V
VIN = 3V


Similar Part No. - EV0021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EV0021 ETC-EV0021 Datasheet
171Kb / 2P
High Efficiency White LED Driver
logo
Monolithic Power System...
EV0021 MPS-EV0021 Datasheet
200Kb / 4P
MP1521 High Efficiency White LED Driver
More results

Similar Description - EV0021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
High Efficiency White LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
High Efficiency White LED Driver
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
High Efficiency White LED Driver
logo
ON Semiconductor
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
Monolithic Power System...
EV0021 MPS-EV0021 Datasheet
200Kb / 4P
MP1521 High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Diodes Incorporated
AP3152FG-7 DIODES-AP3152FG-7 Datasheet
601Kb / 13P
120mA HIGH EFFICIENCY WHITE LED DRIVER
Rev 3
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
High-Efficiency White-LED Driver
LM3699 TI1-LM3699 Datasheet
1Mb / 25P
High-Efficiency White LED Driver
logo
Diodes Incorporated
AP3154A DIODES-AP3154A_15 Datasheet
1Mb / 14P
120mA HIGH EFFICIENCY WHITE LED DRIVER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com