Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1531 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1531
Description  Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1531 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1531 Datasheet HTML 1Page - Monolithic Power Systems MP1531 Datasheet HTML 2Page - Monolithic Power Systems MP1531 Datasheet HTML 3Page - Monolithic Power Systems MP1531 Datasheet HTML 4Page - Monolithic Power Systems MP1531 Datasheet HTML 5Page - Monolithic Power Systems MP1531 Datasheet HTML 6Page - Monolithic Power Systems MP1531 Datasheet HTML 7Page - Monolithic Power Systems MP1531 Datasheet HTML 8Page - Monolithic Power Systems MP1531 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP1531 – LOW POWER, TRIPLE OUTPUT STEP-UP PLUS CHARGE PUMP FOR TFT BIAS
MP1531 Rev. 1.2
www.MonolithicPower.com
2
5/22/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
PACKAGE REFERENCE
Part Number*
Package
Temperature
MP1531DQ
QFN16
(3mmx3mm)
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP1531DQ–Z)
For RoHS compliant packaging, add suffix –LF
(eg. MP1531DQ–LF–Z)
Part Number**
Package
Temperature
MP1531DM
TSSOP16
–40
°C to +85°C
** For Tape & Reel, add suffix –Z (eg. MP1531DM–Z)
For RoHS compliant packaging, add suffix –LF
(eg. MP1531DM–LF–Z)
ABSOLUTE MAXIMUM RATINGS
(1)
IN Supply Voltage ..........................–0.3V to +6V
SW Voltage..................................–0.3V to +25V
IN2, GL Voltage ...........................+0.3V to –25V
IN3, GH Voltage...........................–0.3V to +40V
IN2 to IN3 Voltage .......................–0.3V to +60V
All Other Pins.................................–0.3V to +6V
Junction Temperature...............................125°C
Lead Temperature ....................................260°C
Storage Temperature ............. –65°C to +150°C
Recommended Operating Conditions (2)
Input Voltage .................................. 2.7V to 5.5V
Main Output Voltage...........................VIN to 22V
IN2, GL Voltage ................................ 0V to –20V
IN3, GH Voltage ................................. 0V to 38V
Operating Temperature .............–40°C to +85°C
Thermal Resistance (3)
θJA
θJC
QFN16 .................................... 60 ..... 120..
°C/W
TSSOP16 ............................... 90 ...... 30...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
(4)
VIN = 5.0V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Input Voltage Range
VIN
2.7
5.5
V
IN Undervoltage Lockout Threshold
VUVLO
IN Rising
2.25
2.65
V
IN Undervoltage Lockout Hysteresis
100
mV
IN Shutdown Current
VEN < 0.3V
0.5
1
µA
IN Quiescent Current
VEN > 2V, VFB1 = 1.4V
0.8
1.5
mA
EN Input High Voltage
VEN-HIGH EN Rising
1.6
V
EN Input Low Voltage
0.3
V
EN Hysteresis
100
mV
EN Input Bias Current
1
µA
TOP VIEW
EXPOSED PAD
CONNECT TO PIN 13
PIN 1 ID
SW
CT
RDY
FB1
GL
EN
FB3
FB2
1
2
3
4
13
14
15
16
8
7
6
5
REF
GND
IN
COMP
IN2
GH
IN3
PGND
12
11
10
9
RDY
FB1
COMP
IN
GND
REF
FB2
FB3
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CT
SW
PGND
IN3
GH
IN2
GL
EN
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com