Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1531 Datasheet (PDF) - Monolithic Power Systems

MP1531 Datasheet PDF - Monolithic Power Systems
Part # MP1531
Download  MP1531 Download
File Size   352.68 Kbytes
Page   12 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias

MP1531 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP1531 Datasheet PDF - Monolithic Power Systems

Part # MP1531
Download  MP1531 Click to download

File Size   352.68 Kbytes
Page   12 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias

MP1531 Datasheet (HTML) - Monolithic Power Systems


MP1531 Product details

DESCRIPTION
The MP1531 is a triple output step-up converter with charge-pumps to make a complete DC/DC converter to power a TFT LCD panel from a 2.7V to 5.5V supply.
The MP1531 includes a 250KHz fixed frequency step-up converter and a positive and negative linear regulator. The linear regulators are powered via charge-pumps driven by the step-up converter switch node.

FEATURES
• 2.7V to 5.5V Operating Input Range
• 500mA Switch Current Limit
• 3 Outputs in a Single Package
    • Step-Up Converter up to 22V
    • Positive 10mA Linear Regulator
    • Negative 10mA Linear Regulator
• 250mΩ Internal Power MOSFET Switch
• 95% Efficiency
• 1µA Shutdown Mode
• Fixed 250KHz Frequency
• Positive Regulator up to 38V
• Negative Regulator down to -20V
• Internal Power-On Sequencing
• Adjustable Soft-Start/Fault Timer
• Thermal Shutdown
• Cycle-By-Cycle Over Current Protection
• Under Voltage Lockout
• Ready Flag
• 16-Pin TSSOP and QFN (3mm x 3mm) Packages

APPLICATIONS
• TFT LCD Displays
• Portable DVD Players
• Tablet PCs
• Car Navigation Displays




Similar Part No. - MP1531

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1531 MPS-MP1531 Datasheet
268Kb / 5P
Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
More results


Similar Description - MP1531

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65110 TI-TPS65110 Datasheet
231Kb / 15P
LTPS LCD BIAS POWER SUPPLY TRIPLE CHARGE PUMP
logo
Torex Semiconductor
XC9801 TOREX-XC9801 Datasheet
103Kb / 10P
Step-Up Charge Pump ICs
logo
Advanced Analogic Techn...
AAT2820 ANALOGICTECH-AAT2820 Datasheet
437Kb / 18P
Triple-Output Charge Pump Regulator
logo
Monolithic Power System...
EV0055 MPS-EV0055 Datasheet
195Kb / 5P
Triple Output Step-Up Plus Charge Pump for TFT Bias
EV1531DQ-002A MPS-EV1531DQ-002A Datasheet
268Kb / 5P
Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
MP1530 MPS-MP1530 Datasheet
358Kb / 15P
Triple Output Step-Up Plus Linear Regulators for TFT Bias
logo
ON Semiconductor
LA5797MC ONSEMI-LA5797MC Datasheet
188Kb / 4P
Charge Pump Step-up Power Supply
August, 2013
logo
Texas Instruments
TPS65110 TI1-TPS65110_14 Datasheet
384Kb / 15P
LTPS-LCD BIAS POWER SUPPLY, TRIPLE CHARGE PUMP
logo
Monolithic Power System...
MPQ1530 MPS-MPQ1530 Datasheet
710Kb / 15P
Triple Output Step-Up Plus Linear Regulators for TFT Bias AEC-Q100 Qualified
EVQ1531-M-00A MPS-EVQ1531-M-00A Datasheet
274Kb / 7P
Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com