Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1541 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1541
Description  1.3MHz Boost Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1541 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1541 Datasheet HTML 1Page - Monolithic Power Systems MP1541 Datasheet HTML 2Page - Monolithic Power Systems MP1541 Datasheet HTML 3Page - Monolithic Power Systems MP1541 Datasheet HTML 4Page - Monolithic Power Systems MP1541 Datasheet HTML 5Page - Monolithic Power Systems MP1541 Datasheet HTML 6Page - Monolithic Power Systems MP1541 Datasheet HTML 7Page - Monolithic Power Systems MP1541 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MP1541 – 1.3MHz BOOST CONVERTER
MP1541 Rev.1.3
www.MonolithicPower.com
2
3/20/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
PACKAGE REFERENCE
SW
GND
FB
1
2
3
5
4
IN
EN
MP1541-PD01-TSOT23
TOP VIEW
Part Number*
Package
Temperature
MP1541DJ
TSOT23-5
Marking: B3YW –40°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP1541DJ–Z)
For Lead Free, add suffix –LF (eg. MP1541DJ–LF–Z)
ABSOLUTE MAXIMUM RATINGS
(1)
SW Pin........................................... –0.3V to 25V
All Other Pins................................ –0.3V to 6.5V
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature ..............–65°C to +150°C
Recommended Operating Conditions
(2)
Supply Voltage VIN............................. 2.5V to 6V
Output Voltage VOUT ........................... 3V to 22V
Operating Temperature .............–40°C to +85°C
Thermal Resistance
(3)
θJA
θJC
TSOT25 ................................. 220 .... 110..
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating range.
3) Measured on approximately 1” square of 1oz. copper.
ELECTRICAL CHARACTERISTICS
VIN = VEN = 5V, TA = +25°C unless otherwise specified.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Operating Input Voltage
VIN
2.5
6
V
Undervoltage Lockout
2.25
2.45
V
Undervoltage Lockout
Hysteresis
92
mV
Supply Current (Shutdown)
VEN = 0V
0.1
1
µA
Supply Current (Quiescent)
VFB = 1.3V
635
850
µA
Switching Frequency
fSW
1.0
1.3
1.6
MHz
Maximum Duty Cycle
VFB = 0V
80
85
%
EN Threshold
VEN Rising
1.0
1.3
1.6
V
EN Threshold
VEN Rising, VIN = 2.5V
1.1
V
EN Hysteresis
100
mV
EN Input Bias Current
VEN = 0V, 6V
1
µA
FB Voltage
VFB
1.21
1.25
1.29
V
FB Input Bias Current
VFB = 1.25V
–100
–30
nA
SW On-Resistance
(4)
RDS (ON)
0.65
Ω
SW Current Limit
(4)
1.9
A
SW Leakage
VSW = 15V
1
µA
Thermal Shutdown
(4)
160
°C
Note:
4) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com