Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1541 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1541
Description  1.3MHz Boost Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1541 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1541 Datasheet HTML 1Page - Monolithic Power Systems MP1541 Datasheet HTML 2Page - Monolithic Power Systems MP1541 Datasheet HTML 3Page - Monolithic Power Systems MP1541 Datasheet HTML 4Page - Monolithic Power Systems MP1541 Datasheet HTML 5Page - Monolithic Power Systems MP1541 Datasheet HTML 6Page - Monolithic Power Systems MP1541 Datasheet HTML 7Page - Monolithic Power Systems MP1541 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MP1541 – 1.3MHz BOOST CONVERTER
MP1541 Rev.1.3
www.MonolithicPower.com
3
3/20/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
1.40
1.35
1.30
1.25
1.20
1.15
TEMPERATURE (
°C)
MP1541-TPC02
Frequency vs
Temperature
640
635
630
625
620
615
610
TEMPERATURE (
°C)
MP1541-TPC04
Supply Current vs
Temperature
1.6
1.5
1.4
1.3
1.2
1.1
1.0
40
30
50
60
70
80
DUTY CYCLE (%)
MP1541-TPC06
Current Limit vs
Duty Cycle
84.1
84.0
83.9
83.8
83.7
83.6
83.5
-50
0
50
100
150
-50
0
50
100
150
TEMPERATURE (
°C)
MP1541-TPC03
Maximum Duty Cycle vs
Temperature
0.80
0.75
0.70
0.65
0.60
0.55
0.50
2345
6
INPUT VOLTAGE (V)
MP1541-TPC05
RDS (ON) vs
Input Voltage
-50
0
50
100
150
MP1541-TPC01
1.252
1.250
1.248
1.246
1.244
1.242
-50
0
50
100
150
TEMPERATURE (
°C)
Feedback Voltage vs
Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com