Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2000 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2000
Description  Low Input Voltage 150mA Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2000 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2000 Datasheet HTML 1Page - Monolithic Power Systems MP2000 Datasheet HTML 2Page - Monolithic Power Systems MP2000 Datasheet HTML 3Page - Monolithic Power Systems MP2000 Datasheet HTML 4Page - Monolithic Power Systems MP2000 Datasheet HTML 5Page - Monolithic Power Systems MP2000 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MP2000 – LOW INPUT VOLTAGE, 150mA LINEAR REGULATOR
MP2000 Rev. 0.92
www.MonolithicPower.com
4
3/2/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 1.8V, VOUT = 1.2V, C1 = 2.2µF, C3 = 4.7µF, TA = +25°C unless otherwise noted.
MP2000-TPC05
Load-Transient Response
Circuit of Figure 2
ILOAD
(50mA/div.)
VOUT
(50mV/div.)
100mA
50mA
1.2V
1.220
1.215
1.210
1.205
1.200
1.195
1.190
02468
VIN (V)
VOUT vs. VIN
3.0
2.5
2.0
1.5
1.0
0.5
0
0
20 40 60 80 100 120 140 160
ILOAD (mA)
IGND vs ILOAD
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
02468
VIN (V)
MP2000-TPC01
MP2000-TPC02
IGND vs VIN
MP2000-TPC04
MP2000-TPC03
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
0
50
100
150
ILOAD (mA)
VDROPOUT vs ILOAD
ILOAD = 1mA
VOUT=1.2V
ILOAD = 1mA
VIN=1.8V
VIN=3.3V
VIN=5.0V
ILOAD = 150mA
ILOAD = 150mA
80
60
40
20
0
-20
100
1K
10K
100K
FREQUENCY (Hz)
MP2000-TPC06
PSRR vs Frequency
VIN = 2.5V, VOUT = 1.0V, ILOAD = 10mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com