Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2000 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2000
Description  Low Input Voltage 150mA Linear Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2000 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2000 Datasheet HTML 1Page - Monolithic Power Systems MP2000 Datasheet HTML 2Page - Monolithic Power Systems MP2000 Datasheet HTML 3Page - Monolithic Power Systems MP2000 Datasheet HTML 4Page - Monolithic Power Systems MP2000 Datasheet HTML 5Page - Monolithic Power Systems MP2000 Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MP2000
Low Input Voltage
150mA Linear Regulator
MP2000 Rev. 0.92
www.MonolithicPower.com
1
3/2/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP2000 is a low-voltage, low-dropout
bipolar linear regulator. It operates from 1.35V
to 6.0V input voltage, and regulates the output
voltage from as low as 0.5V.
The MP2000 can supply up to 150mA of load
current. The MP2000 features thermal overload
and current limit protection. It is available in a
5-pin TSOT23-5 package.
Part Number
Output Voltage
MP2000DJ-ADJ
Adjustable
MP2000DJ-1.0
1.0V
EVALUATION BOARD REFERENCE
Board Number
Output*
Dimensions
EV2000DJ-00A
1.2V
2.0”X x 2.0”Y x 0.4”Z
* Default output voltage adjustable from 0.5V to 5.0V using an
external resistor divider.
FEATURES
• Operates with VIN = 1.35V
• Low 300mV Dropout at 150mA Output
• ±3% Accurate Output Voltage
• Fixed and Adjustable Output Voltage Option
• Better Than 0.001%/mA Load Regulation
• Stable With Low-ESR Output Capacitor
• Low 65µA Ground Current
• Internal Thermal Protection
• Current Limit Protection
• 6µA Typical Quiescent Current at Shutdown
APPLICATIONS
• Low Current Regulators
• Battery Powered Systems
• Cellular Phones
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP2000_TAC_S01
MP2000
FB
OUT
4
5
GND
2
EN
IN
3
1
OUTPUT
1.2V
VIN
1.35V to 6V
VIN


Similar Part No. - MP2000

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2000 MPS-MP2000 Datasheet
232Kb / 7P
Low Input Voltage 150mA Linear Regulator
MP2000DJ MPS-MP2000DJ Datasheet
146Kb / 3P
Low Input Voltage 150mA Linear Regulator Evaluation Board
MP2000DJ-1.0 MPS-MP2000DJ-1.0 Datasheet
232Kb / 7P
Low Input Voltage 150mA Linear Regulator
MP2000DJ-ADJ MPS-MP2000DJ-ADJ Datasheet
232Kb / 7P
Low Input Voltage 150mA Linear Regulator
MP2000 MPS-MP2000_06 Datasheet
232Kb / 7P
Low Input Voltage 150mA Linear Regulator
More results

Similar Description - MP2000

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2000DJ-00A MPS-EV2000DJ-00A Datasheet
146Kb / 3P
Low Input Voltage 150mA Linear Regulator Evaluation Board
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
Low Dropout 150mA Linear Regulator
MP2000 MPS-MP2000_06 Datasheet
232Kb / 7P
Low Input Voltage 150mA Linear Regulator
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
Low Dropout 150mA Linear Regulator
logo
Micrel Semiconductor
MIC5247 MICREL-MIC5247_06 Datasheet
323Kb / 11P
150mA Low-Voltage 關Cap Linear Regulator
logo
Monolithic Power System...
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
150mA Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6160 FITIPOWER-FP6160 Datasheet
435Kb / 9P
150mA High Voltage Low Dropout Linear Regulator
logo
First Silicon Co., Ltd
FC6160 FS-FC6160 Datasheet
410Kb / 8P
150mA High Voltage Low Dropout Linear Regulator
logo
AiT Semiconductor Inc.
A6141 AITSEMI-A6141 Datasheet
441Kb / 9P
LOW DROPOUT VOLTAGE REGULATOR 40V 150mA LOW CONSUMPTION LINEAR REGULATOR
REV1.2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com