Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT3030ARC Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # SCT3030ARC
Description  SiC N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SCT3030ARC Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  SCT3030ARC Datasheet HTML 1Page - Inchange Semiconductor Company Limited SCT3030ARC Datasheet HTML 2Page - Inchange Semiconductor Company Limited SCT3030ARC Datasheet HTML 3Page - Inchange Semiconductor Company Limited SCT3030ARC Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ISCF8066
eq SCT3030ARC
SiC N-Channel MOSFET
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
BVDSS
Drain-Source Breakdown Voltage VGS=0V; ID =1mA
650
-
-
V
VGS(th)
Gate Threshold Voltage
VDS=VGS; ID = 13.3mA
2.7
-
5.6
V
RDS(on)
Drain-Source On-Resistance
VGS= 18V; ID= 27A
-
-
39
mΩ
IGSS
Gate-Source Leakage Current
VGS= -4/+22V;VDS=0V
-
-
±
100
nA
IDSS
Drain-Source Leakage Current
VDS= 650V; VGS= 0V
-
-
10
μ
A
Ciss
Input Capacitance
VGS = 0V,
VDS = 400V,
f = 1.0MHz,
VAC=25mV
--
2000
--
pF
Coss
Output Capacitance
--
180
--
Crss
Reverse Transfer Capacitance
--
13
--
Qg
Total Gate Charge
VDS=400V,
ID= 25A,
VGS= - 4V/18V
--
90
--
nC
Qgs
Gate-Source Charge
--
24
--
Qgd
Gate-Drain Charge
--
26
--
td(on)
Turn-on Delay Time
VGS= - 4V/18V
ID= 25A,
VDS= 400V,
Rg= 25Ω
--
14
--
ns
tr
Turn-on Rise Time
--
15
--
td(off)
Turn-off Delay Time
--
28
--
tf
Turn-off Fall Time
--
8
--



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com