Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCT3030ARC Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # SCT3030ARC
Description  SiC N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SCT3030ARC Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  SCT3030ARC Datasheet HTML 1Page - Inchange Semiconductor Company Limited SCT3030ARC Datasheet HTML 2Page - Inchange Semiconductor Company Limited SCT3030ARC Datasheet HTML 3Page - Inchange Semiconductor Company Limited SCT3030ARC Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ISCF8066
eq SCT3030ARC
SiC N-Channel MOSFET
www.iscsemi.com
3
SOURCE-DRAIN BODY DIODE CHARACTERISTICS
Drain - Source Body Diode Characteristics
VSD
Diode Forward Voltage
ISD= 27A, VGS= 0V
--
3.2
--
V
IS
Continuous Diode Forward Current
TC= 25℃,VGS= -3V
--
--
70
A
trr
Reverse Recovery Time
ISD= 25A
VR = 400V
--
25
--
ns
Qrr
Reverse Recovery Charge
--
100
--
nC
Irrm
Pulse Current
--
5
--
A
Package Dimensions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com