Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2307 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2307
Description  3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2307 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2307 Datasheet HTML 2Page - Monolithic Power Systems MP2307 Datasheet HTML 3Page - Monolithic Power Systems MP2307 Datasheet HTML 4Page - Monolithic Power Systems MP2307 Datasheet HTML 5Page - Monolithic Power Systems MP2307 Datasheet HTML 6Page - Monolithic Power Systems MP2307 Datasheet HTML 7Page - Monolithic Power Systems MP2307 Datasheet HTML 8Page - Monolithic Power Systems MP2307 Datasheet HTML 9Page - Monolithic Power Systems MP2307 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MP2307 – 3A, 23V, 340KHz SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
MP2307 Rev. 1.7
www.MonolithicPower.com
6
3/14/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
OPERATION
FUNCTIONAL DESCRIPTION
The MP2307 regulates input voltages from
4.75V to 23V down to an output voltage as low
as 0.925V, and supplies up to 3A of load
current.
The MP2307 uses current-mode control to
regulate the output voltage. The output voltage
is measured at FB through a resistive voltage
divider and amplified through the internal
transconductance error amplifier. The voltage at
the COMP pin is compared to the switch current
(measured internally) to control the output
voltage.
The
converter
uses
internal
N-Channel
MOSFET switches to step-down the input
voltage to the regulated output voltage. Since
the high side MOSFET requires a gate voltage
greater than the input voltage, a boost capacitor
connected between SW and BS is needed to
drive the high side gate. The boost capacitor is
charged from the internal 5V rail when SW is low.
When the FB pin voltage exceeds 20% of the
nominal regulation value of 0.925V, the over
voltage comparator is tripped and the COMP
pin and the SS pin are discharged to GND,
forcing the high-side switch off.
MP2307_BD01
LOCKOUT
COMPARATOR
INTERNAL
REGULATORS
IN
EN
+
ERROR
AMPLIFIER
1.2V
OVP
RAMP
CLK
0.925V
7V
0.3V
CURRENT
COMPARATOR
CURRENT
SENSE
AMPLIFIER
1.1V
SHUTDOWN
COMPARATOR
7
COMP 6
SS 8
FB 5
GND
4
OSCILLATOR
110/340KHz
S
R
Q
SW
3
BS
1
IN
5V
2
OVP
IN < 4.10V
EN OK
Zener
+
Q
+
+
1.5V
+
+
2.5V
+
+
--
--
--
--
--
--
--
Figure 1—Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com