Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2307 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2307
Description  3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2307 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2307 Datasheet HTML 1Page - Monolithic Power Systems MP2307 Datasheet HTML 2Page - Monolithic Power Systems MP2307 Datasheet HTML 3Page - Monolithic Power Systems MP2307 Datasheet HTML 4Page - Monolithic Power Systems MP2307 Datasheet HTML 5Page - Monolithic Power Systems MP2307 Datasheet HTML 6Page - Monolithic Power Systems MP2307 Datasheet HTML 7Page - Monolithic Power Systems MP2307 Datasheet HTML 8Page - Monolithic Power Systems MP2307 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP2307
3A, 23V, 340KHz Synchronous Rectified
Step-Down Converter
MP2307 Rev. 1.7
www.MonolithicPower.com
1
3/14/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP2307 is a monolithic synchronous buck
regulator.
The
device
integrates
100mΩ
MOSFETS that provide 3A of continuous load
current over a wide operating input voltage of
4.75V to 23V. Current mode control provides
fast transient response and cycle-by-cycle
current limit.
An adjustable soft-start prevents inrush current
at turn-on and in shutdown mode, the supply
current drops below 1µA.
This device, available in an 8-pin SOIC
package, provides a very compact system
solution with minimal reliance on external
components.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV2307DN-00A
2.0”X x 1.5”Y x 0.5”Z
FEATURES
• 3A Continuous Output Current,
4A Peak Output Current
• Wide 4.75V to 23V Operating Input Range
• Integrated 100mΩ Power MOSFET Switches
• Output Adjustable from 0.925V to 20V
• Up to 95% Efficiency
• Programmable Soft-Start
• Stable with Low ESR Ceramic Output Capacitors
• Fixed 340KHz Frequency
• Cycle-by-Cycle Over Current Protection
• Input Under Voltage Lockout
• Thermally Enhanced 8-Pin SOIC Package
APPLICATIONS
• Distributed Power Systems
• Networking Systems
• FPGA, DSP, ASIC Power Supplies
• Green Electronics/Appliances
• Notebook Computers
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
INPUT
4.75V to 23V
OUTPUT
3.3V
3A
C3
3.9nF
C5
10nF
MP2307
BS
IN
FB
SW
SS
GND
COMP
EN
1
2
3
5
6
4
8
7
MP2307_TAC01
100
95
90
85
80
75
70
65
60
55
50
0.1
1.0
10
LOAD CURRENT (A)
MP2307_EC01
Efficiency vs
Load Current
VIN = 5V
VIN = 23V
VIN = 12V


Similar Part No. - MP2307

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2307 MPS-MP2307 Datasheet
342Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Guangdong Kexin Industr...
MP2307 KEXIN-MP2307 Datasheet
1Mb / 3P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Monolithic Power System...
MP2307 MPS-MP2307 Datasheet
449Kb / 12P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
5/28/2008 Rev. 1.9
MP23070N MPS-MP23070N Datasheet
449Kb / 12P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
5/28/2008 Rev. 1.9
MP2307DN MPS-MP2307DN Datasheet
222Kb / 4P
3A, 23V, 340KHz Synchronous Step-Down Converter
More results

Similar Description - MP2307

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1570 MPS-MP1570 Datasheet
326Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
MP2307 MPS-MP2307_06 Datasheet
342Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Richtek Technology Corp...
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8253A RICHTEK-RT8253A Datasheet
227Kb / 15P
3A, 23V, 340kHz Synchronous Step-Down Converter
RT8250 RICHTEK-RT8250 Datasheet
207Kb / 12P
3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Unisonic Technologies
P1484 UTC-P1484 Datasheet
237Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1484A UTC-P1484A Datasheet
246Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Guangdong Kexin Industr...
MP1484 KEXIN-MP1484 Datasheet
1Mb / 3P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
MP2307 KEXIN-MP2307 Datasheet
1Mb / 3P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Monolithic Power System...
MP2307 MPS-MP2307_08 Datasheet
449Kb / 12P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
5/28/2008 Rev. 1.9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com