Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2355DN Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2355DN
Description  3A, 23V, 380KHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2355DN Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2355DN Datasheet HTML 1Page - Monolithic Power Systems MP2355DN Datasheet HTML 2Page - Monolithic Power Systems MP2355DN Datasheet HTML 3Page - Monolithic Power Systems MP2355DN Datasheet HTML 4Page - Monolithic Power Systems MP2355DN Datasheet HTML 5Page - Monolithic Power Systems MP2355DN Datasheet HTML 6Page - Monolithic Power Systems MP2355DN Datasheet HTML 7Page - Monolithic Power Systems MP2355DN Datasheet HTML 8Page - Monolithic Power Systems MP2355DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP2355 – 3A, 23V, 380KHz STEP-DOWN CONVERTER
MP2355 Rev. 1.5
www.MonolithicPower.com
3
5/1/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Enable Pull Up Current
VRUN = 0V
1.1
1.8
2.5
µA
EN UVLO Threshold
VEN Rising
2.37
2.54
2.71
V
EN UVLO Threshold
Hysteresis
210
mV
Soft-Start Period
CSS = 0.1µF
10
ms
Thermal Shutdown
150
°C
Note:
4) Equivalent output current = 1.5A ≥ 50% Duty Cycle
2.0A ≤ 50% Duty Cycle
Assumes ripple current = 30% of load current.
Slope compensation changes current limit above 40% duty cycle.
TYPICAL PERFORMANCE CHARACTERISTICS
Circuit of Figure 2, VIN = 12V, VO = 3.3V, L1 = 15µH, C1 = 10µF, C2 = 22µF, TA = +25°C, unless
otherwise noted.
VSW
10V/div.
VIN, AC
200mV/div.
VO, AC
20mV/div.
IL
1A/div.
VSW
10V/div.
VIN, AC
20mV/div.
VO, AC
20mV/div.
IL
1A/div.
MP2355-TPC01
Heavy Load
Operation
3A Load
MP2355-TPC02
Light Load
Operation
No Load
VEN
5V/div.
VOUT
1V/div.
IL
1A/div.
MP2355-TPC03
Startup from Shutdown
No C4
3A Resistive Load
VEN
5V/div.
VOUT
1V/div.
IL
1A/div.
Startup from Shutdown
C4 = 10nF
3A Resistive Load
VEN
5V/div.
VOUT
1V/div.
IL
1A/div.
Startup from Shutdown
C4 = 10nF
No Load
MP2355-TPC04
MP2355-TPC05



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com