Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2355DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2355DN
Description  3A, 23V, 380KHz Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2355DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2355DN Datasheet HTML 1Page - Monolithic Power Systems MP2355DN Datasheet HTML 2Page - Monolithic Power Systems MP2355DN Datasheet HTML 3Page - Monolithic Power Systems MP2355DN Datasheet HTML 4Page - Monolithic Power Systems MP2355DN Datasheet HTML 5Page - Monolithic Power Systems MP2355DN Datasheet HTML 6Page - Monolithic Power Systems MP2355DN Datasheet HTML 7Page - Monolithic Power Systems MP2355DN Datasheet HTML 8Page - Monolithic Power Systems MP2355DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP2355
3A, 23V, 380KHz
Step-Down Converter
MP2355 Rev. 1.5
www.MonolithicPower.com
1
5/1/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP2355 is a step-down regulator with a
built in internal Power MOSFET. It achieves 3A
continuous output current over a wide input
supply range with excellent load and line
regulation.
Current mode operation provides fast transient
response and eases loop stabilization. Fault
condition
protection
includes
cycle-by-cycle
current limiting and thermal shutdown. Adjustable
soft-start reduces the stress on the input source
at turn-on. In shutdown mode the regulator draws
20µA of supply current.
The MP2355 uses a minimum number of
readily
available
external
components
to
complete a 3A step-down DC to DC converter
solution.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV2355DN-00A
2.0”X x 1.3”Y x 0.5”Z
FEATURES
• Programmable Soft-Start
• 100mΩ Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic
Capacitors
• Up to 95% Efficiency
• 20µA Shutdown Mode
• 3A Output Current
• Wide 4.75V to 23V Operating Input Range
• Fixed 380KHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Under Voltage Lockout
APPLICATIONS
• Distributed Power Systems
• Battery Chargers
• Pre-Regulator for Linear Regulators
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP2355
LX
VIN
BST
FB
7
5
32
4
6
1
8
SS
COMP
GND
RUN
OUTPUT
3.3V / 3A
INPUT
4.75V to 23V
OPEN
AUTOMATIC
STARTUP
MP2355_TAC_S01
10nF
4.7nF
10nF
D1
B330A
95
90
85
80
75
70
65
60
LOAD CURRENT (mA)
MP2355_EC01
Efficiency vs
Load Current
0
1500
1000
500
2000
3500
3000
2500
VOUT=2.5V
VOUT=3.3V
VOUT=5.0V


Similar Part No. - MP2355DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2355DN MPS-MP2355DN Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
More results

Similar Description - MP2355DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2354 MPS-MP2354 Datasheet
243Kb / 10P
2A, 23V, 380KHz Step-Down Converter
MP2355 MPS-MP2355 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
MP2354 MPS-MP2354_06 Datasheet
234Kb / 10P
2A, 23V, 380KHz Step-Down Converter
MP1583 MPS-MP1583 Datasheet
335Kb / 13P
3A, 23V, 385KHz Step-Down Converter
logo
Feeling Technology Corp...
FP6180 FEELING-FP6180 Datasheet
1Mb / 13P
3A, 23V, 380KHz Step-Down Converter
FP6181 FEELING-FP6181 Datasheet
410Kb / 14P
2A, 23V, 380KHz Step-Down Converter
FP6182 FEELING-FP6182 Datasheet
618Kb / 13P
2A, 23V, 380KHz Step-Down Converter
FP6185 FEELING-FP6185 Datasheet
419Kb / 14P
2A, 23V, 380KHz Step-Down Converter
logo
Fitipower Integrated Te...
FR9723 FITIPOWER-FR9723 Datasheet
504Kb / 9P
23V, 3A, 380KHz Asynchronous Step-Down DC/DC Converter
logo
Monolithic Power System...
MP1423 MPS-MP1423 Datasheet
323Kb / 11P
3A, 23V, 385KHz Step-Down Converter
1/6/2006 Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com