Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1423 Datasheet (PDF) - Monolithic Power Systems

MP1423 Datasheet PDF - Monolithic Power Systems
Part # MP1423
Download  MP1423 Download
File Size   323.62 Kbytes
Page   11 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A, 23V, 385KHz Step-Down Converter

MP1423 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP1423 Datasheet PDF - Monolithic Power Systems

Part # MP1423
Download  MP1423 Click to download

File Size   323.62 Kbytes
Page   11 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A, 23V, 385KHz Step-Down Converter

MP1423 Datasheet (HTML) - Monolithic Power Systems


MP1423 Product details

DESCRIPTION
The MP1423 is a step-down regulator with a
built in internal Power MOSFET. It achieves 3A
continuous output current over a wide input
supply range with excellent load and line
regulation.
Current mode operation provides fast transient
response and eases loop stabilization.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown.
Adjustable soft-start reduces the stress on the
input source at turn-on. In shutdown mode the
regulator draws 20μA of supply current.
The MP1423 requires a minimum number of
readily available external components to
complete a 3A step-down DC to DC converter solution.

FEATURES
• 3A Output Current
• Programmable Soft-Start
• 110mΩ Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic Capacitors
• Up to 94% Efficiency
• 20μA Shutdown Mode
• Fixed 385KHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Wide 6V to 23V Operating Input Range
• Output is Adjustable From 1.22V to 21V
• Under Voltage Lockout

APPLICATIONS
• Distributed Power Systems
• Battery Chargers
• Pre-Regulator for Linear Regulators




Similar Part No. - MP1423

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MP1423-0-FH MSYSTEM-MP1423-0-FH Datasheet
88Kb / 4P
RTD INPUT LIMIT ALARM
MP1423-0-FR MSYSTEM-MP1423-0-FR Datasheet
88Kb / 4P
RTD INPUT LIMIT ALARM
MP1423-0-FT MSYSTEM-MP1423-0-FT Datasheet
88Kb / 4P
RTD INPUT LIMIT ALARM
MP1423-0-FV MSYSTEM-MP1423-0-FV Datasheet
88Kb / 4P
RTD INPUT LIMIT ALARM
MP1423-0-FX MSYSTEM-MP1423-0-FX Datasheet
88Kb / 4P
RTD INPUT LIMIT ALARM
More results


Similar Description - MP1423

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1593 MPS-MP1593 Datasheet
299Kb / 11P
3A, 28V, 385KHz Step-Down Converter
MP1593 MPS-MP1593_06 Datasheet
319Kb / 11P
3A, 28V, 385KHz Step-Down Converter
MP2355 MPS-MP2355 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
MP2355 MPS-MP2355_06 Datasheet
255Kb / 10P
3A, 23V, 380KHz Step-Down Converter
logo
Richtek Technology Corp...
RT8283B RICHTEK-RT8283B Datasheet
205Kb / 14P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8296B RICHTEK-RT8296B Datasheet
290Kb / 15P
3A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1583 MPS-MP1583 Datasheet
335Kb / 13P
3A, 23V, 385KHz Step-Down Converter
logo
Analog Intergrations Co...
AIC2858F AIC-AIC2858F Datasheet
510Kb / 11P
3A 23V Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6180 FEELING-FP6180 Datasheet
1Mb / 13P
3A, 23V, 380KHz Step-Down Converter
FP6193 FEELING-FP6193 Datasheet
615Kb / 11P
3A, 23V, 340KHz Synchronous Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com