Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1593 Datasheet (PDF) - Monolithic Power Systems

MP1593 Datasheet PDF - Monolithic Power Systems
Part # MP1593
Download  MP1593 Download
File Size   299.17 Kbytes
Page   11 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A, 28V, 385KHz Step-Down Converter

MP1593 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP1593 Datasheet PDF - Monolithic Power Systems

Part # MP1593
Download  MP1593 Click to download

File Size   299.17 Kbytes
Page   11 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A, 28V, 385KHz Step-Down Converter

MP1593 Datasheet (HTML) - Monolithic Power Systems


MP1593 Product details

DESCRIPTION

The MP1593 is a step-down regulator with an internal Power MOSFET. It achieves 3A of continuous output current over a wide input supply range with excellent load and line regulation.

Current mode operation provides fast transient response and eases loop stabilization. Fault condition protection includes cycle-by-cycle current limiting and thermal shutdown. An adjustable soft-start reduces the stress on the input source at startup. In shutdown mode the regulator draws 20µA of supply current. The MP1593 requires a minimum number of readily available external components, providing a compact solution.



FEATURES

• 3A Output Current

• Programmable Soft-Start

• 100mΩ Internal Power MOSFET Switch

• Stable with Low ESR Output Ceramic Capacitors

• Up to 95% Efficiency

• 20µA Shutdown Mode

• Fixed 385KHz Frequency

• Thermal Shutdown

• Cycle-by-Cycle Over Current Protection

• Wide 4.75V to 28V Operating Input Range

• Output Adjustable from 1.22V

• Under-Voltage Lockout

• Available in 8-Pin SOIC Package




Similar Part No. - MP1593

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1593 MPS-MP1593 Datasheet
257Kb / 5P
4.75V to 28V Input, Up to 3A Output Step-Down DC/DC Converter
MP1593 MPS-MP1593 Datasheet
319Kb / 11P
3A, 28V, 385KHz Step-Down Converter
MP1593DN MPS-MP1593DN Datasheet
319Kb / 11P
3A, 28V, 385KHz Step-Down Converter
MP1593 MPS-MP1593_06 Datasheet
319Kb / 11P
3A, 28V, 385KHz Step-Down Converter
More results


Similar Description - MP1593

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1593 MPS-MP1593_06 Datasheet
319Kb / 11P
3A, 28V, 385KHz Step-Down Converter
MP2365 MPS-MP2365 Datasheet
390Kb / 11P
3A, 28V, 1.4MHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3475 EUTECH-EUP3475 Datasheet
144Kb / 1P
3A, 28V, 1MHz Synchronous Step-Down Converter
EUP3476 EUTECH-EUP3476 Datasheet
144Kb / 1P
3A, 28V, 500kHz Synchronous Step-Down Converter
EUP3475A EUTECH-EUP3475A Datasheet
160Kb / 1P
3A, 28V, 1MHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1583 MPS-MP1583 Datasheet
335Kb / 13P
3A, 23V, 385KHz Step-Down Converter
MP1584 MPS-MP1584 Datasheet
387Kb / 17P
3A, 1.5MHz, 28V Step-Down Converter
MP2372 MPS-MP2372 Datasheet
425Kb / 13P
3A, 28V, 925KHz Step-Down Converter
MP28373 MPS-MP28373 Datasheet
371Kb / 11P
3A, 28V, 1.4MHz Step-Down Converter
MP1423 MPS-MP1423 Datasheet
323Kb / 11P
3A, 23V, 385KHz Step-Down Converter
1/6/2006 Rev. 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com