Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2365 Datasheet (PDF) - Monolithic Power Systems

MP2365 Datasheet PDF - Monolithic Power Systems
Part # MP2365
Download  MP2365 Download
File Size   390.76 Kbytes
Page   11 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A, 28V, 1.4MHz Step-Down Converter

MP2365 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP2365 Datasheet PDF - Monolithic Power Systems

Part # MP2365
Download  MP2365 Click to download

File Size   390.76 Kbytes
Page   11 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 3A, 28V, 1.4MHz Step-Down Converter

MP2365 Datasheet (HTML) - Monolithic Power Systems


MP2365 Product details

DESCRIPTION
The MP2365 is a 1.4MHz step-down regulator with a built-in Power MOSFET. It achieves 3A continuous output current over a wide input supply range with excellent load and line regulation.

FEATURES
• 3A Continuous Output Current, 4A Peak Output Current
• Programmable Soft-Start
• 100mΩ Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic Capacitors
• Up to 90% Efficiency
• 20µA Shutdown Mode
• Fixed 1.4MHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Wide 4.75V to 28V Operating Input Range
• Output is Adjustable From 0.92V to 21V
• Under Voltage Lockout

APPLICATIONS
• Distributed Power Systems
• Battery Chargers
• Pre-Regulator for Linear Regulators




Similar Part No. - MP2365

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2365DN MPS-MP2365DN Datasheet
170Kb / 4P
3A, 28V, 1.4MHz Step-Down Converter Evaluation Board
More results


Similar Description - MP2365

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2365DN-01A MPS-EV2365DN-01A Datasheet
170Kb / 4P
3A, 28V, 1.4MHz Step-Down Converter Evaluation Board
MP1593 MPS-MP1593 Datasheet
299Kb / 11P
3A, 28V, 385KHz Step-Down Converter
MP1593 MPS-MP1593_06 Datasheet
319Kb / 11P
3A, 28V, 385KHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3475 EUTECH-EUP3475 Datasheet
144Kb / 1P
3A, 28V, 1MHz Synchronous Step-Down Converter
EUP3476 EUTECH-EUP3476 Datasheet
144Kb / 1P
3A, 28V, 500kHz Synchronous Step-Down Converter
EUP3475A EUTECH-EUP3475A Datasheet
160Kb / 1P
3A, 28V, 1MHz Synchronous Step-Down Converter
EUP3476A EUTECH-EUP3476A Datasheet
159Kb / 1P
3A, 28V, 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1584 MPS-MP1584 Datasheet
387Kb / 17P
3A, 1.5MHz, 28V Step-Down Converter
MP2372 MPS-MP2372 Datasheet
425Kb / 13P
3A, 28V, 925KHz Step-Down Converter
MP28373 MPS-MP28373 Datasheet
371Kb / 11P
3A, 28V, 1.4MHz Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com