Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2365 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2365
Description  3A, 28V, 1.4MHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2365 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2365 Datasheet HTML 1Page - Monolithic Power Systems MP2365 Datasheet HTML 2Page - Monolithic Power Systems MP2365 Datasheet HTML 3Page - Monolithic Power Systems MP2365 Datasheet HTML 4Page - Monolithic Power Systems MP2365 Datasheet HTML 5Page - Monolithic Power Systems MP2365 Datasheet HTML 6Page - Monolithic Power Systems MP2365 Datasheet HTML 7Page - Monolithic Power Systems MP2365 Datasheet HTML 8Page - Monolithic Power Systems MP2365 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP2365 – 3A, 28V, 1.4MHz STEP-DOWN CONVERTER
MP2365 Rev. 0.91
www.MonolithicPower.com
2
7/10/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
PACKAGE REFERENCE
BS
IN
SW
GND
SS
EN
COMP
FB
1
2
3
4
8
7
6
5
TOP VIEW
EXPOSED PAD
CONNECT TO PIN 4
Part Number*
Package
Temperature
MP2365DN
SOIC8N
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP2365DN–Z)
For RoHS compliant packaging, add suffix –LF
(eg. MP2365DN–LF–Z)
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN....................... –0.3V to +30V
Switch Voltage VSW.............. –0.5V to VIN + 0.3V
Boost Voltage VBS..........VSW – 0.3V to VSW + 6V
All Other Pins................................. –0.3V to +6V
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature .............–65
°C to +150°C
Recommended Operating Conditions
(2)
Input Voltage VIN............................ 4.75V to 28V
Ambient Operating Temp ..........–40
°C to +85°C
Thermal Resistance
(3)
θJA
θJC
SOIC8N .................................. 50 ...... 10...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on approximately 1” square of 1 oz copper.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max Units
Shutdown Supply Current
VEN = 0V
20
30
µA
Supply Current
VEN = 3V, VFB =1.4V
1.3
1.5
mA
Feedback Voltage
VFB
4.75V
≤ VIN ≤ 28V,
VCOMP < 2V
0.90
0.92
0.94
V
Error Amplifier Voltage Gain
AVEA
400
V/V
Error Amplifier Transconductance
GEA
∆ICOMP = ±10µA
330
530
730
µA/V
High-Side Switch-On Resistance
RDS(ON)1
100
mΩ
Low-Side Switch-On Resistance
RDS(ON)2
10
Ω
High-Side Switch Leakage Current
VEN = 0V, VSW = 0V
0.1
10
µA
Short Circuit Current Limit
6.5
A
Current Sense to COMP Transconductance
GCS
6.2
A/V
Oscillation Frequency
fS
1.4
MHz
Short Circuit Oscillation Frequency
VFB = 0V
220
KHz
Maximum Duty Cycle
DMAX
VFB = 0.8V
65
%
Minimum On Time
TON
130
ns
EN Threshold Voltage
0.9
1.2
1.5
V
Enable Pull Up Current
VEN = 0V
0.9
1.6
2.3
µA
Under Voltage Lockout Threshold Rising
2.3
2.6
2.9
V
Under Voltage Lockout Threshold Hysteresis
210
mV
Soft-Start Period
CSS = 0.1µF
10
ms
Thermal Shutdown
160
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com