Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3821 Datasheet(PDF) 3 Page - EPCOS

Part # B3821
Description  SAW Components Low-loss Filter 860,5 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3821 Datasheet(HTML) 3 Page - EPCOS

  B3821 Datasheet HTML 1Page - EPCOS B3821 Datasheet HTML 2Page - EPCOS B3821 Datasheet HTML 3Page - EPCOS B3821 Datasheet HTML 4Page - EPCOS B3821 Datasheet HTML 5Page - EPCOS B3821 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Aug 28, 2001
SAW Components
B3821
860,5 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
TA = +15 ... +35 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Nominal frequency
fN
860,5
MHz
Maximum insertion attenuation
α
max
851,0 MHz ... 870,0 MHz
2,2
2,5
dB
Amplitude ripple (p-p)
∆α
851,0 MHz ... 870,0 MHz
0,45
0,7
dB
Input and output return loss
851,0 MHz ... 870,0 MHz
12
16
dB
Absolute attenuation
α
abs
0,1 MHz ... 797,0 MHz
45
55
dB
797,0 MHz ... 813,0 MHz
40
50
dB
813,0 MHz ... 829,0 MHz
35
43
dB
829,0 MHz ... 833,0 MHz
25
40
dB
904,0 MHz ... 959,0 MHz
30
40
dB
959,0 MHz ... 1089,0 MHz
50
60
dB
1089,0 MHz ... 2000,0 MHz
30
42
dB
Temperature coefficient of frequency
TCf
– 36
ppm/K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com