Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3821 Datasheet (PDF) - EPCOS

B3821 Datasheet PDF - EPCOS
Part # B3821
Download  B3821 Download
File Size   58.35 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-loss Filter 860,5 MHz

B3821 Datasheet (PDF)

Go To PDF Page Download Datasheet
B3821 Datasheet PDF - EPCOS

Part # B3821
Download  B3821 Click to download

File Size   58.35 Kbytes
Page   6 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-loss Filter 860,5 MHz

B3821 Datasheet (HTML) - EPCOS


B3821 Product details

Features
● Low-loss filter for TETRA
● Usable bandwidth 19 MHz
● No matching required for operation at 50 Ω
● Package for Surface Mounted Technology (SMT)
● Hermetically sealed ceramic package




Similar Part No. - B3821

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3822 EPCOS-B3822 Datasheet
59Kb / 6P
SAW Components Low-loss Filter 392,5 MHz
B3822 EPCOS-B3822 Datasheet
84Kb / 9P
SAW filter Trunked Radio
B3822 EPCOS-B3822_1 Datasheet
84Kb / 9P
SAW filter Trunked Radio
B3823 EPCOS-B3823 Datasheet
59Kb / 6P
SAW Components Low-loss Filter 397,5 MHz
B3824 EPCOS-B3824 Datasheet
54Kb / 5P
Low-Loss Filter
More results


Similar Description - B3821

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
SAW Components Low-loss Filter 140,00 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
SAW Components Low-loss Filter 238,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
SAW Components Low-loss Filter 380,00 MHz
B3666 EPCOS-B3666 Datasheet
65Kb / 6P
SAW Components Low-loss Filter 82,20 MHz
B3671 EPCOS-B3671 Datasheet
67Kb / 6P
SAW Components Low-Loss Filter 204,0 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B4232 EPCOS-B4232 Datasheet
138Kb / 9P
SAW Components Low-Loss ?? in 1??Filter for Mobile Communication 769,0/860,5 MHz
B5013 EPCOS-B5013 Datasheet
95Kb / 7P
SAW Components Low-Loss Filter 860,5 MHz
B7848 EPCOS-B7848 Datasheet
58Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 860,5 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com