Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5013 Datasheet (PDF) - EPCOS

B5013 Datasheet PDF - EPCOS
Part # B5013
Download  B5013 Download
File Size   95.02 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter 860,5 MHz

B5013 Datasheet (PDF)

Go To PDF Page Download Datasheet
B5013 Datasheet PDF - EPCOS

Part # B5013
Download  B5013 Click to download

File Size   95.02 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss Filter 860,5 MHz

B5013 Datasheet (HTML) - EPCOS




Similar Part No. - B5013

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
B501 SYSTEMSENSOR-B501 Datasheet
567Kb / 2P
Low-Profile Intelligent Combination Smoke Detector
B501 SYSTEMSENSOR-B501 Datasheet
492Kb / 2P
Intelligent Low Profile Plug-in Detectors
logo
Gamewell-FCI by Honeywe...
B501 GAMEWELL-FCI-B501 Datasheet
58Kb / 2P
Low Profile Analog Laser Sensor
B501 GAMEWELL-FCI-B501 Datasheet
73Kb / 2P
Analog Addressable Laser Smoke Sensor
logo
Systemsensor advanced i...
B501 SYSTEMSENSOR-B501 Datasheet
123Kb / 4P
500 Series Intelligent Sensors with Integral Communications
More results


Similar Description - B5013

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3588 EPCOS-B3588 Datasheet
61Kb / 5P
SAW Components Low-loss Filter 915,00 MHz
B3607 EPCOS-B3607 Datasheet
71Kb / 6P
SAW Components Low-loss Filter 140,00 MHz
B3640 EPCOS-B3640 Datasheet
72Kb / 6P
SAW Components Low-loss Filter 238,0 MHz
B3665 EPCOS-B3665 Datasheet
69Kb / 6P
SAW Components Low-loss Filter 380,00 MHz
B3666 EPCOS-B3666 Datasheet
65Kb / 6P
SAW Components Low-loss Filter 82,20 MHz
B3671 EPCOS-B3671 Datasheet
67Kb / 6P
SAW Components Low-Loss Filter 204,0 MHz
B3821 EPCOS-B3821 Datasheet
58Kb / 6P
SAW Components Low-loss Filter 860,5 MHz
B3853 EPCOS-B3853 Datasheet
85Kb / 7P
SAW Components Low-Loss Filter Low-Loss Filter 141,0 MHz
B4232 EPCOS-B4232 Datasheet
138Kb / 9P
SAW Components Low-Loss ?? in 1??Filter for Mobile Communication 769,0/860,5 MHz
B7848 EPCOS-B7848 Datasheet
58Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 860,5 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com