Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4232 Datasheet (PDF) - EPCOS

B4232 Datasheet PDF - EPCOS
Part # B4232
Download  B4232 Download
File Size   138.63 Kbytes
Page   9 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss ?? in 1??Filter for Mobile Communication 769,0/860,5 MHz

B4232 Datasheet (PDF)

Go To PDF Page Download Datasheet
B4232 Datasheet PDF - EPCOS

Part # B4232
Download  B4232 Click to download

File Size   138.63 Kbytes
Page   9 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description SAW Components Low-Loss ?? in 1??Filter for Mobile Communication 769,0/860,5 MHz

B4232 Datasheet (HTML) - EPCOS




Similar Part No. - B4232

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4230 EPCOS-B4230 Datasheet
97Kb / 9P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 942,5 / 1842,5 MHz
B4231 EPCOS-B4231 Datasheet
171Kb / 12P
SAW Components SAW Rx 2in1 Filter 860.5 / 938.0 MHz
B4233 EPCOS-B4233 Datasheet
102Kb / 11P
SAW Components ow-Loss Dual Band Filter for Mobile Communication 390,0 / 420,0 MHz
B4234 EPCOS-B4234 Datasheet
145Kb / 8P
SAW Components Low-Loss Dual Band Filter for Mobile Communication 881,5/1960,0 MHz
B4234 EPCOS-B4234 Datasheet
124Kb / 10P
Automotive telematics
More results


Similar Description - B4232

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3821 EPCOS-B3821 Datasheet
58Kb / 6P
SAW Components Low-loss Filter 860,5 MHz
B3894 EPCOS-B3894 Datasheet
98Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 210,00 MHz
B4236 EPCOS-B4236 Datasheet
168Kb / 9P
SAW Components Low-Loss ?? in 1??Filter for Mobile Communication 769,0/809,5 MHz
B4864 EPCOS-B4864 Datasheet
81Kb / 7P
SAW Components Low Loss Filter for Mobile Communication 183,60 MHz
B4865 EPCOS-B4865 Datasheet
92Kb / 6P
SAW Components Low Loss Filter for Mobile Communication 134,04 MHz
B4908 EPCOS-B4908 Datasheet
76Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 158,55 MHz
B4937 EPCOS-B4937 Datasheet
90Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 109,8 MHz
B4959 EPCOS-B4959 Datasheet
100Kb / 5P
SAW Components Low-Loss Filter for Mobile Communication 128,1 MHz
B5013 EPCOS-B5013 Datasheet
95Kb / 7P
SAW Components Low-Loss Filter 860,5 MHz
B7848 EPCOS-B7848 Datasheet
58Kb / 6P
SAW Components Low-Loss Filter for Mobile Communication 860,5 MHz
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com