Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2365DN Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2365DN
Description  3A, 28V, 1.4MHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2365DN Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2365DN Datasheet HTML 1Page - Monolithic Power Systems MP2365DN Datasheet HTML 2Page - Monolithic Power Systems MP2365DN Datasheet HTML 3Page - Monolithic Power Systems MP2365DN Datasheet HTML 4Page - Monolithic Power Systems MP2365DN Datasheet HTML 5Page - Monolithic Power Systems MP2365DN Datasheet HTML 6Page - Monolithic Power Systems MP2365DN Datasheet HTML 7Page - Monolithic Power Systems MP2365DN Datasheet HTML 8Page - Monolithic Power Systems MP2365DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP2365 – 3A, 28V, 1.4MHz STEP-DOWN CONVERTER
MP2365 Rev. 0.91
www.MonolithicPower.com
4
7/10/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, C1 = 10µF, C2 = 47µF, L = 4.7µH and TA = +25°C, unless otherwise noted.
8.0
7.5
7.0
6.5
6.0
5.5
5.0
0
20406080
DUTY CYCLE (%)
Peak Current vs
Duty Cycle
VSW
10V/div.
VOUT
AC Coupled
20mV/div.
IINDUCTOR
2A/div.
400ns/div.
Steady State Operation
VOUT = 1.8V, IOUT = 1.5A
400ns/div.
Steady State Operation
VOUT = 1.8V, IOUT = 3A
4ms/div.
Startup Through Enable
VOUT = 3.3V, I = 1.5A (Resistance Load)
4ms/div.
Startup Through Enable
VOUT = 3.3V, I = 3A (Resistance Load)
Shutdown Through Enable
VOUT = 3.3V, I = 1.5A (Resistance Load)
Shutdown Through Enable
VOUT = 3.3V, I = 3A (Resistance Load)
VOUT
AC Coupled
50mV/div.
IINDUCTOR
1A/div.
ILOAD
1A/div.
VSW
10V/div.
VOUT
AC Coupled
20mV/div.
IINDUCTOR
2A/div.
VOUT
1V/div.
VEN
5V/div.
IINDUCTOR
2A/div.
VSW
10V/div.
VOUT
1V/div.
VEN
5V/div.
IINDUCTOR
2A/div.
VSW
10V/div.
VOUT
1V/div.
VEN
5V/div.
IINDUCTOR
2A/div.
VSW
10V/div.
VOUT
1V/div.
VEN
5V/div.
IINDUCTOR
2A/div.
VSW
10V/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com