Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2365DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2365DN
Description  3A, 28V, 1.4MHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2365DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2365DN Datasheet HTML 1Page - Monolithic Power Systems MP2365DN Datasheet HTML 2Page - Monolithic Power Systems MP2365DN Datasheet HTML 3Page - Monolithic Power Systems MP2365DN Datasheet HTML 4Page - Monolithic Power Systems MP2365DN Datasheet HTML 5Page - Monolithic Power Systems MP2365DN Datasheet HTML 6Page - Monolithic Power Systems MP2365DN Datasheet HTML 7Page - Monolithic Power Systems MP2365DN Datasheet HTML 8Page - Monolithic Power Systems MP2365DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP2365
3A, 28V, 1.4MHz
Step-Down Converter
MP2365 Rev. 0.91
www.MonolithicPower.com
1
7/10/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2365 is a 1.4MHz step-down regulator
with a built-in Power MOSFET. It achieves 3A
continuous output current over a wide input
supply range with excellent load and line
regulation.
Current mode operation provides fast transient
response and eases loop stabilization.
Fault condition protection includes cycle-by-
cycle current limiting and thermal shutdown.
Adjustable soft-start reduces the stress on the
input source at turn-on. In shutdown mode the
regulator draws 20µA of supply current.
The MP2365 is available in an 8-pin SOIC
package with an exposed pad, and requires a
minimum number of readily available external
components to complete a 3A step-down DC to
DC converter solution.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV2365DN-00A
2.0” x 1.9” x 0.4”
FEATURES
• 3A Continuous Output Current, 4A Peak
Output Current
• Programmable Soft-Start
• 100mΩ Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic
Capacitors
• Up to 90% Efficiency
• 20µA Shutdown Mode
• Fixed 1.4MHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Wide 4.75V to 28V Operating Input Range
• Output is Adjustable From 0.92V to 21V
• Under Voltage Lockout
APPLICATIONS
• Distributed Power Systems
• Battery Chargers
• Pre-Regulator for Linear Regulators
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
INPUT
4.75V to 28V
OUTPUT
3.3V
3A
MP2365
BS
IN
FB
SW
SS
GND
COMP
EN
1
3
5
6
4
8
7
2
OPEN
OPEN =
AUTOMATIC
STARTUP
5.6nF
10nF
B330A
Efficiency Curve
100
90
80
70
60
0
0.5
1.0
1.5
2.0
2.5
3.0
LOAD CURRENT (A)
VIN=12V
VOUT=3.3V
VOUT=5V


Similar Part No. - MP2365DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2365DN MPS-MP2365DN Datasheet
170Kb / 4P
3A, 28V, 1.4MHz Step-Down Converter Evaluation Board
More results

Similar Description - MP2365DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2365DN-01A MPS-EV2365DN-01A Datasheet
170Kb / 4P
3A, 28V, 1.4MHz Step-Down Converter Evaluation Board
MP1593 MPS-MP1593 Datasheet
299Kb / 11P
3A, 28V, 385KHz Step-Down Converter
MP1593 MPS-MP1593_06 Datasheet
319Kb / 11P
3A, 28V, 385KHz Step-Down Converter
logo
Eutech Microelectronics...
EUP3475 EUTECH-EUP3475 Datasheet
144Kb / 1P
3A, 28V, 1MHz Synchronous Step-Down Converter
EUP3476 EUTECH-EUP3476 Datasheet
144Kb / 1P
3A, 28V, 500kHz Synchronous Step-Down Converter
EUP3475A EUTECH-EUP3475A Datasheet
160Kb / 1P
3A, 28V, 1MHz Synchronous Step-Down Converter
EUP3476A EUTECH-EUP3476A Datasheet
159Kb / 1P
3A, 28V, 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1584 MPS-MP1584 Datasheet
387Kb / 17P
3A, 1.5MHz, 28V Step-Down Converter
MP2372 MPS-MP2372 Datasheet
425Kb / 13P
3A, 28V, 925KHz Step-Down Converter
MP28373 MPS-MP28373 Datasheet
371Kb / 11P
3A, 28V, 1.4MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com