Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3213 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3213
Description  700KHz/1.3MHz Boost Converter with a 3.5A Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3213 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3213 Datasheet HTML 1Page - Monolithic Power Systems MP3213 Datasheet HTML 2Page - Monolithic Power Systems MP3213 Datasheet HTML 3Page - Monolithic Power Systems MP3213 Datasheet HTML 4Page - Monolithic Power Systems MP3213 Datasheet HTML 5Page - Monolithic Power Systems MP3213 Datasheet HTML 6Page - Monolithic Power Systems MP3213 Datasheet HTML 7Page - Monolithic Power Systems MP3213 Datasheet HTML 8Page - Monolithic Power Systems MP3213 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP3213 – 700KHZ/1.3MHZ BOOST CONVERTER WITH A 3.5A SWITCH
MP3213 Rev. 1.1
www.MonolithicPower.com
4
5/12/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Circuit on front page, VIN = 5V, VOUT = 12V, TA = +25°C, C2 = 4.7µF, C4 = 10nF, unless otherwise
noted.
VSW
5V/div.
IINDUCTOR
0.5A/div.
400ns/div.
VSW
5V/div.
IINDUCTOR
0.5A/div.
VOUT
AC Coupled
0.2V/div.
IOUT
0.2A/div.
VOUT
AC Coupled
0.2V/div.
IOUT
0.2A/div.
VEN
2V/div.
VOUT
5V/div.
IINDUCTOR
0.5A/div.
VEN
2V/div.
VOUT
5V/div.
IINDUCTOR
0.5A/div.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com