Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3213 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3213
Description  700KHz/1.3MHz Boost Converter with a 3.5A Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3213 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3213 Datasheet HTML 1Page - Monolithic Power Systems MP3213 Datasheet HTML 2Page - Monolithic Power Systems MP3213 Datasheet HTML 3Page - Monolithic Power Systems MP3213 Datasheet HTML 4Page - Monolithic Power Systems MP3213 Datasheet HTML 5Page - Monolithic Power Systems MP3213 Datasheet HTML 6Page - Monolithic Power Systems MP3213 Datasheet HTML 7Page - Monolithic Power Systems MP3213 Datasheet HTML 8Page - Monolithic Power Systems MP3213 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP3213
700KHz/1.3MHz Boost Converter
with a 3.5A Switch
MP3213 Rev. 1.1
www.MonolithicPower.com
1
5/12/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3213 is a current mode step-up
converter with a 3.5A, 0.18Ω internal switch to
provide a highly efficient regulator with fast
response. The MP3213 operates at 700KHz or
1.3MHz allowing for easy filtering and low
noise. An external compensation pin gives the
user flexibility in setting loop dynamics, which
allows the use of small, low-ESR ceramic
output capacitors. Soft-start results in small
inrush current and can be programmed with an
external capacitor. The MP3213 operates from
an input voltage as low as 2.5V and can
generate 12V at up to 500mA from a 5V supply.
The MP3213 includes under-voltage lockout,
current limiting and thermal overload protection
to prevent damage in the event of an output
overload. The MP3213 is available in a low
profile 8-pin MSOP package with exposed pad.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV3213DH-00A
2.1”X x 2.1”Y x 0.5”Z
FEATURES
• 3.5A, 0.18Ω, 25V Power MOSFET
• Uses Tiny Capacitors and Inductors
• Pin Selectable 700KHz or 1.3MHz Fixed
Switching Frequency
• Programmable Soft-Start
• Operates with Input Voltage as Low as 2.5V
and Output Voltage as High as 22V
• 12V at 500mA from 5V Input
• UVLO, Thermal Shutdown
• Internal Current Limit
• Available in an 8-Pin MSOP Package with
Exposed Pad
APPLICATIONS
• LCD Displays
• Portable Applications
• Handheld Computers and PDAs
• Digital Still and Video Cameras
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VIN
5V
VOUT
12V
MP3213
SW
IN
FB
COMP
SS
GND
EN
FSEL
65
2
1
4
8
3
7
OFF ON
D1
C4
10nF
C3
2.2nF
Efficiency vs
Load Current
100
95
90
85
80
75
70
65
60
55
50
LOAD CURRENT (mA)
1
10
100
1000
VIN = 5V
VOUT = 12V


Similar Part No. - MP3213

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3213DH MPS-MP3213DH Datasheet
184Kb / 4P
700KHz/1.3MHz Boost Converter with a 3.5A Switch Evaluation Board
MP3213DH MPS-MP3213DH Datasheet
350Kb / 8P
700KHz/1.3MHz Boost Converter with a 3.5A Switch Evaluation Board
More results

Similar Description - MP3213

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV1542DK-00A MPS-EV1542DK-00A Datasheet
197Kb / 4P
700KHz/1.3MHz Boost Converter with a 2A Switch
EV1542DK-SEPIC-00A MPS-EV1542DK-SEPIC-00A Datasheet
175Kb / 4P
700KHz/1.3MHz Boost Converter with a 2A Switch
EV3213DH-00A MPS-EV3213DH-00A Datasheet
184Kb / 4P
700KHz/1.3MHz Boost Converter with a 3.5A Switch Evaluation Board
MP1541 MPS-MP1541 Datasheet
246Kb / 8P
1.3MHz Boost Converter
MP1542 MPS-MP1542 Datasheet
485Kb / 10P
700KHz/1.3MHz Boost Converter with a 2A Switch
MP1542 MPS-MP1542_06 Datasheet
460Kb / 10P
700KHz/1.3MHz Boost Converter with a 2A Switch
MPQ1542 MPS-MPQ1542 Datasheet
917Kb / 15P
700KHz/1.3MHz Boost Converter with a 2A Switch
EV3425DL-00A MPS-EV3425DL-00A Datasheet
187Kb / 4P
Boost Converter With a 55V, 3.5A Switch
EV3213DH-00B MPS-EV3213DH-00B Datasheet
350Kb / 8P
700KHz/1.3MHz Boost Converter with a 3.5A Switch Evaluation Board
EVQ3425-L-00A MPS-EVQ3425-L-00A Datasheet
195Kb / 4P
Boost Converter With a 55V, 3.5A Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com