Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6001DN Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6001DN
Description  Monolithic Flyback/Forward dd-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6001DN Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6001DN Datasheet HTML 1Page - Monolithic Power Systems MP6001DN Datasheet HTML 2Page - Monolithic Power Systems MP6001DN Datasheet HTML 3Page - Monolithic Power Systems MP6001DN Datasheet HTML 4Page - Monolithic Power Systems MP6001DN Datasheet HTML 5Page - Monolithic Power Systems MP6001DN Datasheet HTML 6Page - Monolithic Power Systems MP6001DN Datasheet HTML 7Page - Monolithic Power Systems MP6001DN Datasheet HTML 8Page - Monolithic Power Systems MP6001DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP6001 – MONOLITHIC FLYBACK/FORWARD DC-DC CONVERTER
INITIAL RELEASE – SPECIFICATIONS SUBJECT TO CHANGE
MP6001 Rev. 0.91
www.MonolithicPower.com
4
4/5/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 48V, VOUT = 5V, TA = +25ºC, unless otherwise noted.
VSW
100V/div.
VOUT
AC Coupled
50mV/div.
IL
1A/div.
MP6001-TPC01
Steady State Test
VIN = 48V, VOUT = 5V, IOUT = 2.7A
4ms/div.
MP6001-TPC07
Start-up through Enable
VIN = 48V, VOUT = 5V, IOUT = 2.7
Resistive Load
MP6001-TPC05
MP6001-TPC04
Duty Cycle vs Line Voltage
VSW
100V/div.
VOUT
2V/div.
VCC
2V/div.
IL
1A/div.
100ms/div.
MP6001-TPC06
Short Circuit Test
Over current hiccup at VIN = 48V,
IOUT = 4.4A
VOUT
1V/div.
VSW
50V/div.
VCC
2V/div.
ITRANS
1A/div.
4ms/div.
MP6001-TPC08
Shut-down through Enable
VIN = 48V, VOUT = 5V, IOUT = 2.7A
Resistive Load
VOUT
2V/div.
VSW
20V/div.
VSYNC
2V/div.
ITRANS
1A/div.
MP6001-TPC02
Synchronize Programmable
Oscillator
fSW = 54KHz, 60KHz of SYNC signal is
applied to RT pin.
MP6001-TPC03
Synchronize Programmable
Oscillator
fSW = 54KHz, 500KHz of SYNC signal is
applied to RT pin.
VOUT
2V/div.
VSW
20V/div.
VSYNC
2V/div.
ITRANS
1A/div.
70
60
50
40
30
20
1.0
1.5
2.0
2.5
3.0
LINE VOLTAGE (V)
VOUT
1V/div.
VSW
50V/div.
VCC
2V/div.
ITRANS
1A/div.
VOUT
AC Coupled
50mV/div.
ILOAD
1A/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com