Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6001DN Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP6001DN
Description  Monolithic Flyback/Forward dd-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6001DN Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP6001DN Datasheet HTML 2Page - Monolithic Power Systems MP6001DN Datasheet HTML 3Page - Monolithic Power Systems MP6001DN Datasheet HTML 4Page - Monolithic Power Systems MP6001DN Datasheet HTML 5Page - Monolithic Power Systems MP6001DN Datasheet HTML 6Page - Monolithic Power Systems MP6001DN Datasheet HTML 7Page - Monolithic Power Systems MP6001DN Datasheet HTML 8Page - Monolithic Power Systems MP6001DN Datasheet HTML 9Page - Monolithic Power Systems MP6001DN Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MP6001 – MONOLITHIC FLYBACK/FORWARD DC-DC CONVERTER
INITIAL RELEASE – SPECIFICATIONS SUBJECT TO CHANGE
MP6001 Rev. 0.91
www.MonolithicPower.com
6
4/5/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
High Voltage Startup
The MP6001 features a 100V startup circuit,
see Figure 1. When power is applied, the
capacitor at the VCC pin is charged through the
VIN pin. When the voltage at the VCC pin
crosses 6.0V without fault, the controller is
enabled. The VCC pin is then disconnected
from the VIN pin and VCC voltage is discharged
via the operating current. When VCC drops to
4.5V, the VCC pin is reconnected to the VIN pin
and VCC will be recharged. The voltage at the
VCC pin repeats this ramp cycle between 4.5V
and 6.0V. The VCC pin can be powered with a
voltage higher than 4.5V from an auxiliary
winding to reduce the power dissipated in the
internal startup circuit. The VCC pin is internally
clamped at 8V.
Under-Voltage and Over-Voltage Detection
The MP6001 includes a line monitor circuit.
Two external resistors form a voltage divider
from the input voltage to GND; its tap connects
to the LINE pin. The controller is operational
when the voltage at the UV/OV pin is between
1.2V and 3V. When the voltage at the UV/OV
pin goes out of this operating range, the
controller is disabled and goes into standby
mode. The LINE pin can also be used as a
remote enable. Grounding the UV/OV pin will
disable the controller.
Error Amplifier
The MP6001 includes an error amplifier with its
non-inverting input connected to internal 1.2V
reference voltage. The regulated voltage is fed
back through a resistor network or an
optocoupler to the FB pin. Figure 2 shows some
common error amplifier configurations.
--
+
1.2V
FB
C2
C3
R3
COMP
VCC
C1
PRIMARY
WINDING
R1
R2
D1
EA
34
6
--
+
1.2V
FB
COMP
VCC
MP6001_F02
C2
R2
R3
(a) Using Primary winding to provide feedback
(b) Feedback is from Secondary (Common Collector)
(c) Feedback is from Secondary (Common Emitter)
EA
34
6
--
+
1.2V
FB
COMP
VCC
EA
34
6
C2
Figure 2—Error Amplifier Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com