Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3897 Datasheet(PDF) 2 Page - EPCOS

Part # B3897
Description  SAW Components Low-Loss Filter 70,00 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3897 Datasheet(HTML) 2 Page - EPCOS

  B3897 Datasheet HTML 1Page - EPCOS B3897 Datasheet HTML 2Page - EPCOS B3897 Datasheet HTML 3Page - EPCOS B3897 Datasheet HTML 4Page - EPCOS B3897 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Sep 05, 2003
SAW Components
B3897
70,00 MHz
Low-Loss Filter
Data Sheet
Ceramic package QCC12
Features
s
IF low-loss filter
s
2,85 MHz usable bandwidth
s
Ceramic SMD package
Terminals
s
Gold plated
Dim. in mm, aprox. weight 0,44 g
Pin configuration
11
Input (balanced)
1
Input (balanced or ground)
5
Output (balanced)
7
Output (balanced or ground)
2, 3, 8, 9
Case - ground
4, 6, 10, 12
To be grounded
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B3897
B39700-B3897-Z510
C61157-A7-A55
F61074-V8163-Z000
Maximum ratings
Operable temperature range
T
– 40/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
0V
Source power
Ps
10
dBm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com