Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3897 Datasheet(PDF) 3 Page - EPCOS

Part # B3897
Description  SAW Components Low-Loss Filter 70,00 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3897 Datasheet(HTML) 3 Page - EPCOS

  B3897 Datasheet HTML 1Page - EPCOS B3897 Datasheet HTML 2Page - EPCOS B3897 Datasheet HTML 3Page - EPCOS B3897 Datasheet HTML 4Page - EPCOS B3897 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Sep 05, 2003
SAW Components
B3897
70,00 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= -20 to 80 ˚C
Terminating source impedance:
ZS =50 Ω balanced and matching network
Terminating load impedance:
ZL =50 Ω balanced and matching network
Matching network (Element values depend upon PCB layout)
Lp1 = 68 nH
Lp2 = 68 nH
min.
typ.
max.
Nominal frequency
fN
—
70,0
—
MHz
Insertion attenuation at fN
α
N
—
6,3
8,0
dB
(including matching network)
Passband width
α
rel ≤ 3,0 dB
B3,0dB
3,5
4,7
—
MHz
Amplitude ripple (p-p)
∆α
fN ± 1,425 MHz
—
0,5
1,0
dB
Phase ripple (p-p)
∆ϕ
fN ± 1,425 MHz
—
3,0
7,0
˚
Absolute group delay (@
fN)
τ
—
1,47
—
µs
Group delay ripple (p-p)
∆τ
fN ± 1,425 MHz
—
110
175
ns
Relative attenuation (relative to
α
N)
α
rel
fN − 3,875 MHz... fN − 20 MHz
40
45
—
dB
fN + 3,875 MHz... fN + 20 MHz
37
40
—
dB
Temperature coefficient of frequency
TCf
—
-87
—
ppm/K
1:1
1:1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com