Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA9503 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA9503
Description  Dual-band, CDMA/AMPS LNA and downconverter mixers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9503 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA9503 Datasheet HTML 8Page - NXP Semiconductors SA9503 Datasheet HTML 9Page - NXP Semiconductors SA9503 Datasheet HTML 10Page - NXP Semiconductors SA9503 Datasheet HTML 11Page - NXP Semiconductors SA9503 Datasheet HTML 12Page - NXP Semiconductors SA9503 Datasheet HTML 13Page - NXP Semiconductors SA9503 Datasheet HTML 14Page - NXP Semiconductors SA9503 Datasheet HTML 15Page - NXP Semiconductors SA9503 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Philips Semiconductors
Objective specification
SA9503
Dual-band, CDMA/AMPS LNA
and downconverter mixers
1999 Jul 29
13
PINNING
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
GND1
RF_PCS
GND2
GND3
GND4
GND5
RF_CEL
LO_OUTB
FM_IF
FM_IFB
CDMA_IF
CDMA_IFB
PCS_IF
PCS_IFB
SR01936
VCC1
LO_OUT
LO BUFFER
CIRCUITRY
Figure 4.
Pin-Out Block Diagram
NOTE:
The ground plane/heatsink area of the BCC32++ package needs to
be soldered to ground for proper functioning of this device.
Table 5.
Pin function definition
PIN
NAME
DESCRIPTION
1
VCC1
Power supply
2
GND1
Ground
3
RF_PCS
PCS LNA input
4
GND2
Ground
5
GND3
Ground
6
GND4
Ground
7
GND5
Ground
8
RF_CEL
Cellular LNA input
9
LO_ENABLE
(Tx) LO buffer enable
10
CEL_OUT
Cellular LNA output
11
S0
Control signal S0
12
GND6
Ground
13
CEL_IN
Cellular RF mixer input
14
PCS LO_IN
PCS LO input
15
CEL LO_IN
Cellular LO input
16
VCC2
(Tx) LO buffer supply
17
LO_OUT
Non-inverting (Tx) LO output
18
LO_OUTB
Inverting (Tx) LO output
19
FM_IF
Non-inverting FM IF output
20
FM_IFB
Inverting FM IF output
21
CDMA_IF
Non-inverting CDMA IF output
22
CDMA_IFB
Inverting CDMA IF output
23
PCS_IF
Non-inverting PCS IF output
24
PCS_IFB
Inverting PCS IF output
25
PCS/CEL
PCS and cellular band select
26
PCS_IN
Non-inverting PCS RF mixer input
27
PCS_INB
Inverting PCS RF mixer input
28
S2
Control signal S2
29
S1
Control signal S1
30
PCS_OUT
PCS LNA output
31
GND7
Ground
32
CDMA/FM
CDMA and FM mode select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com