Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4871 Datasheet(PDF) 2 Page - EPCOS

Part # B4871
Description  SAW Components Low Loss Filter for Mobile Communication 135,54 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4871 Datasheet(HTML) 2 Page - EPCOS

  B4871 Datasheet HTML 1Page - EPCOS B4871 Datasheet HTML 2Page - EPCOS B4871 Datasheet HTML 3Page - EPCOS B4871 Datasheet HTML 4Page - EPCOS B4871 Datasheet HTML 5Page - EPCOS B4871 Datasheet HTML 6Page - EPCOS B4871 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Jan 03, 2003
SAW Components
B4871
135,54 MHz
Low Loss Filter for Mobile Communication
Data Sheet
SMD ceramic package QCC12C
00
00
00
00
11
11
11
11
00
00
00
00
11
11
11
11
00
00
00
00
11
11
11
11
00
00
00
00
11
11
11
11
00
00
00
00
11
11
11
11
000
000
000
000
111
111
111
111
00
00
00
00
11
11
11
11
000
000
000
000
111
111
111
111
000
000
000
000
111
111
111
111
000
000
000
000
000
000
111
111
111
111
111
111
000
000
000
000
000
111
111
111
111
111
00
00
00
00
00
11
11
11
11
11
000
000
000
000
000
111
111
111
111
111
side view
7,0
top view
2,54
2
8
0,6
3
1
7
bottom view
9
Features
s
Low-loss IF filter for mobile telephone
s
Channel selection in AMPS / D-AMPS systems
s
Filter surface passivated
s
Balanced or unbalanced operation possible
s
Package for Surface Mounted Technology
(SMT)
Terminals
s
Ni, gold plated
Dimensions in mm, approx. weight 0,25 g
Pin configuration
12
Input
6
Output
10
Balanced input or input ground
4
Balanced output or output ground
3,9
Case ground
1,2,7,8
Not connected
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B4871
B39141-B4871-H310
C61157-A7-A95
F61074-V8170-Z000
Maximum ratings
Operable temperature range
T
– 30/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
13
V
Source power
Ps
10
dBm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com