Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B4871 Datasheet(PDF) 4 Page - EPCOS

Part # B4871
Description  SAW Components Low Loss Filter for Mobile Communication 135,54 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B4871 Datasheet(HTML) 4 Page - EPCOS

  B4871 Datasheet HTML 1Page - EPCOS B4871 Datasheet HTML 2Page - EPCOS B4871 Datasheet HTML 3Page - EPCOS B4871 Datasheet HTML 4Page - EPCOS B4871 Datasheet HTML 5Page - EPCOS B4871 Datasheet HTML 6Page - EPCOS B4871 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Jan 03, 2003
SAW Components
B4871
135,54 MHz
Low Loss Filter for Mobile Communication
Data Sheet
Test matching networks to 50
Ω (element values depend on pcb layout)
a) Unbalanced - unbalanced matching network
b) Balanced - balanced matching network
Input: Pin 12
Output: Pin 6
Ls1 = 220 nH
Cp2 = 3,3 pF
Cp3 = 3,3 pF
Ls4 = 220 nH
Input: Pins 12 and 10
Output: Pins 6 and 4
Cs1 = 15 pF
Cs2 = 12 pF
Lp1 = 150 nH
Lp2 = 150 nH
Cs3 = 15 pF
Cs4 = 12pF
Note :
The balanced - balanced network is realized using TOKO 1:1 baluns B5FL. The insertion attenu-
ation of each balun is 0,6 dB at fN. The loss of the baluns is not included in the specified filter
insertion attenuation. S-Parameters of the TOKO 1:1 balun B5FL are available on request.
The level of ultimate suppression may be limited by electromagnetic feedthrough depending on
the layout of the pcb and the arrangement of the matching components.
The above mentioned characteristics can be realized either in balanced or in unbalanced mode
of operation.
For more details see our application note
PCB Layout for Highly Selective IF Filters.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com