Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA167F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA167F
Description  25 AMPS 400 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA167F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA167F Datasheet HTML 1Page - Solid States Devices, Inc SDA167F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SDA 167 __ __ __
⏐
⏐
⏐
⏐
⏐
⏐
⏐
⏐
└
Terminals 2/
_ = Blade Terminals
T = Turret Terminals
⏐
⏐
⏐
└ Finish __ = Anodized Case
N
= Ni Plated Case
└ Voltage D = 400 V
E = 600 V
F = 800 V
G = 1000 V
SDA167 Series
25 AMPS
400 - 1000V
THREE PHASE BRIDGE
RECTIFIER ASSEMBLY
Features:
• PIV 400 - 1000 Volts
• Average Output Current 25 Amps
• Low Reverse Leakage Current
• Constructed with Void-Free, Hermetically Sealed Discretes
• Aluminum Case for Maximum Thermal Conductivity
• Electrically Insulated Aluminum Case
• Available in Fast and Ultra Fast Recovery Versions.
Consult Factory.
• TX and TXV & S Level Screening Available. Contact
Factory.
Maximum Ratings
Symbol
Value
Units
Peak Repetitive and Peak Surge Reverse Voltage
SDA167D
SDA167E
SDA167F
SDA167G
VRRM
VRSM
VR
400
600
800
1000
Volts
Average Rectified Forward Current 3/ 4/
(Resistive Load, 60 Hz Sine Wave, TC = 55ºC)
Io
25
Amps
Peak Surge Current 5/
(8.3 ms Pulse, Superimposed on Rated Current at Rated Voltage, TC = 55 °C)
IFSM
150
Amps
Operating & Storage Temperature
Maximum Junction Temperature
TOP & TSTG
TJ
-55 to +150
175
ºC
Maximum Thermal Resistance 3/
(Junction to Case)
RθJC
1.5
ºC/W
SDA167 ( )
SDA167 ( T )
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0048B
DOC


Similar Part No. - SDA167F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA167FUF SSDI-SDA167FUF Datasheet
153Kb / 2P
25 AMPS 400 - 800 VOLTS THREE PHASE BRIDGE RECTIFIER ASSEMBLY
More results

Similar Description - SDA167F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA403A SSDI-SDA403A Datasheet
29Kb / 2P
6 AMPS STANDARD RECOVERY THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA167HC SSDI-SDA167HC Datasheet
45Kb / 2P
33A / 600 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA669 SSDI-SDA669 Datasheet
77Kb / 2P
30A / 600 - 1000V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA167UF SSDI-SDA167UF Datasheet
153Kb / 2P
25 AMPS 400 - 800 VOLTS THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA253F SSDI-SDA253F Datasheet
34Kb / 2P
50A / 400 - 800V THREE PHASE BRIDGE RECTIFIER ASSEMBLY
logo
Naina Semiconductor ltd...
MDS110 NAINA-MDS110 Datasheet
282Kb / 2P
Three Phase Bridge Rectifier, 110 Amps
MDS160 NAINA-MDS160 Datasheet
321Kb / 2P
Three Phase Bridge Rectifier, 160 Amps
MDS30 NAINA-MDS30 Datasheet
158Kb / 2P
Three Phase Bridge Rectifier, 30 Amps
MDS200 NAINA-MDS200 Datasheet
304Kb / 2P
Three Phase Bridge Rectifier, 200 Amps
MDS80 NAINA-MDS80 Datasheet
212Kb / 2P
Three Phase Bridge Rectifier, 80 Amps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com