Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA2003 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SAA2003
Description  Stereo filter and codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA2003 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SAA2003 Datasheet HTML 14Page - NXP Semiconductors SAA2003 Datasheet HTML 15Page - NXP Semiconductors SAA2003 Datasheet HTML 16Page - NXP Semiconductors SAA2003 Datasheet HTML 17Page - NXP Semiconductors SAA2003 Datasheet HTML 18Page - NXP Semiconductors SAA2003 Datasheet HTML 19Page - NXP Semiconductors SAA2003 Datasheet HTML 20Page - NXP Semiconductors SAA2003 Datasheet HTML 21Page - NXP Semiconductors SAA2003 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
May 1994
18
Philips Semiconductors
Preliminary specification
Stereo filter and codec
SAA2003
Table 12 Fade rate in slow and fast modes.
IEC 958 output
The IECOP pin provides an output signal in accordance with the IEC 958/SPDIF digital audio interface format.
The function of the IECOP pin is programmed by bit 3 of the codec extended settings register; see Table 13.
Table 13 IECOP pin control.
The IECOP output will only function when the SAA2003 is in decode mode. The IECOP cannot be used when SAA2013
is present in the system, unless the SAA2013 is in sleep mode. The IECOP output is disabled and set to high impedance
by a reset.
L3 bus
The L3 bus is a three-wire clock synchronous data bus common to all ICs in the DCC chip-set. It consists of the L3MODE,
L3CLK and L3DATA connections. The bus has two operating modes:
• Addressing mode; selects the IC for communication and sets type of transfer.
• Data mode; is used to send and receive data and control settings.
The L3MODE and L3CLK lines are driven by the system microcontroller and L3DATA is a bi-directional line. LTCNT0
and LTCNT1 must be left unconnected when L3 mode is used.
For normal use in L3 mode, LTCNT0 and LTCNT1 are held HIGH by internal pull-up resistors. The SAA2003 responds
to serial addresses as shown in Table 14.
Table 14 SAA2003 serial addresses.
Note
1. D0 and D1 are interpreted as LTCNT0 and LTCNT1 respectively. These two signals control the operation of the
interface as given in Table 15.
MODE
P3
P2
P1
P0
TIME PER STEP (ms)
TIME FOR 256 STEPS (ms)
32 kHz
44.1 kHz
48 kHz
32 kHz
44.1 kHz
48 kHz
Fast
−−−−
31.2
µs
22.7
µs
20.8
µs
8.0
5.8
5.3
Slow
0000
1.0
0.997
1.0
256
255
256
Slow
0001
2.0
1.994
2.0
512
511
512
Slow
0011
4.0
3.988
4.0
1024
1021
1024
Slow
0111
8.0
7.980
8.0
2048
2043
2048
Slow
1111
16.0
15.96
16.0
4096
4087
4096
A3
A2
A1
A0
D3
D2
D1
D0
IECOP FUNCTION
00010
X
X
X
IEC 958 (default)
00011
X
X
X
I2S word select for SD2
D0(1)
D1(1)
D2
D3
D4
D5
D6
D7
X
X
000100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com