Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7782DF Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP7782DF
Description  50W Class D Mono Bridged Audio Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7782DF Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP7782DF Datasheet HTML 1Page - Monolithic Power Systems MP7782DF Datasheet HTML 2Page - Monolithic Power Systems MP7782DF Datasheet HTML 3Page - Monolithic Power Systems MP7782DF Datasheet HTML 4Page - Monolithic Power Systems MP7782DF Datasheet HTML 5Page - Monolithic Power Systems MP7782DF Datasheet HTML 6Page - Monolithic Power Systems MP7782DF Datasheet HTML 7Page - Monolithic Power Systems MP7782DF Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MP7782 – 50W CLASS D MONO BRIDGED AUDIO AMPLIFIER
MP7782 Rev. 1.2
www.MonolithicPower.com
3
8/3/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
OPERATING SPECIFICATIONS
(Circuit of Figure 1, VDD = 24V, VEN = 5V, TA = +25˚C, unless otherwise noted.)
Parameter
Condition
Min
Typ
Max
Units
Standby Current
VEN = 0V
700
µA
Quiescent Current
28
mA
f = 1KHz, THD+N = 10%, RL = 6Ω
50
Power Output
f = 1KHz, THD+N = 10%, RL = 8Ω
40
W
POUT = 1W, f = 1KHz, RL = 6Ω
0.06
THD+ Noise
POUT = 1W, f = 1KHz, RL = 8Ω
0.08
%
Efficiency
f = 1KHz, POUT = 50W
90
%
Dynamic Range
100
dB
Noise Floor
A-Weighted
187
µV
Power Supply Rejection
f = 1KHz
60
dB
PIN FUNCTIONS
Pin #
Name
Description
1, 5, 11, 16
NC
No Connect. Not internally connected.
3, 8
FB1
First Feedback. Receives feedback from SW1 via resistor(s) and the positive input
signal via resistor and capacitor. Both pins must be tied together.
2, 7
FB2
Second Feedback. Receives feedback from SW2 via resistor(s) and the negative
input signal via resistor and capacitor. Both pins must be tied together.
4, 9
AGND
Analog Ground. Both pins must be tied together.
6, 10
EN
Enable Input. Drive high to enable the MP7782, drive low to disable it. Both pins
must be tied together.
12
BS2
High-Side MOSFET Bootstrap Input for Channel 2. A capacitor from BS2 to SW2
supplies the gate drive current to the internal high-side MOSFET. Connect a 1µF
capacitor from SW2 to BS2. See Figure 1.
13
VDD2
Power Supply Input. Bypass VDD2 to PGND2 with a 1µF X7R capacitor (in
addition to the main bulk capacitor), placed close to pins 13 and 15.
14
SW2
Switched Power Output. SW2 is the output of Channel 2. Connect the LC filter to
this pin. See Figure 1.
15
PGND2
Power Ground for Channel 2. Connect PGND2 to PGND1. See Figure 1.
17
BS1
High-Side MOSFET Bootstrap Input for Channel 1. A capacitor from BS1 to SW1
supplies the gate drive current to the internal high-side MOSFET. Connect a 1µF
capacitor from SW1 to BS1. See Figure 1.
18
VDD1
Power Supply Input. Bypass VDD1 to PGND1 with a 1µF X7R capacitor (in
addition to the main bulk capacitor), placed close to pins 18 and 20.
19
SW1
Switched Power Output. SW1 is the output of Channel 1. Connect the LC filter to
this pin. See Figure 1.
20
PGND1
Power Ground for Channel 1. Connect PGND1 to PGND2. See Figure 1.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com