Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7782DF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP7782DF
Description  50W Class D Mono Bridged Audio Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7782DF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP7782DF Datasheet HTML 1Page - Monolithic Power Systems MP7782DF Datasheet HTML 2Page - Monolithic Power Systems MP7782DF Datasheet HTML 3Page - Monolithic Power Systems MP7782DF Datasheet HTML 4Page - Monolithic Power Systems MP7782DF Datasheet HTML 5Page - Monolithic Power Systems MP7782DF Datasheet HTML 6Page - Monolithic Power Systems MP7782DF Datasheet HTML 7Page - Monolithic Power Systems MP7782DF Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MP7782
50W Class D
Mono Bridged Audio Amplifier
MP7782 Rev. 1.2
www.MonolithicPower.com
1
8/3/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP7782 is a mono, 50W Class D Audio
Amplifier. It is one of MPS’ second generation
fully
integrated
audio
amplifiers
which
dramatically reduces solution size by integrating
four 180mΩ power MOSFETs in a space saving
TSSOP20 package. The MP7782 utilizes a full
bridge output structure capable of delivering
50W into 6Ω speakers. As in all other MPS
Class D audio amplifiers, this device exhibits
the high fidelity of a Class AB amplifier with an
efficiency of 90%. The circuit is based on
ADAMTM (Analog Digital Adaptive Modulation),
MPS’ proprietary variable frequency modulation
topology
(patents
pending)
that
delivers
excellent PSRR, fast response time and
operates on a single power supply.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV7782DF-00A
4.0”X x 3.5”Y x 1.0”Z
FEATURES
• 50W into 6Ω with VDD = 24V @10% THD+N
• 90% Efficiency at 50W
• Amplifies Full Audio Range with Low THD+N
• THD+N = 0.06% @ 1W
• 9.5V to 24V Supply Voltage Operation
• Full Bridge Output Drive
• 4 Integrated 180mΩ Switches
• Turn-On / Turn-Off Click and Pop Suppression
• Integrated Short Circuit Protection
• Integrated Thermal Shutdown
• Mute / Standby Mode
• Thermally
Enhanced
20-Pin
TSSOP
Package with Exposed Pad
APPLICATIONS
• MP3 Systems
• Surround Sound Systems
• Multimedia Computers
• Televisions
• Home Stereos
• DVD and VCD Players
• Game Devices and Systems
• Subwoofers
“MPS” and “The Future of Analog IC Technology” are Trademarks of Monolithic
Power Systems, Inc.
ADAM (Analog Digital Adaptive Modulation) is a Trademark of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
MP7782
NC
FB2
FB1
AGND
NC
EN
FB2
FB1
AGND
EN
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PGND1
SW1
VDD1
BS1
NC
PGND2
SW2
VDD2
BS2
NC
AUDIO IN
GND
+
VDD
EN
-
+
OFF ON
MP7782-TAC01
100
10
1
0.1
0.01
0.1
1
10
100
OUTPUT POWER (W)
MP7782-EC01


Similar Part No. - MP7782DF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP7782DF ETC1-MP7782DF Datasheet
1Mb / 8P
Mono Bridged Audio Amplifier
logo
Monolithic Power System...
MP7782DF MPS-MP7782DF Datasheet
321Kb / 5P
50W Class D Mono Bridged Audio Amplifier Evaluation Board
MP7782DF MPS-MP7782DF Datasheet
370Kb / 6P
40W Class D Stereo Bridged Audio Amplifier
MP7782DF MPS-MP7782DF Datasheet
403Kb / 6P
40W Class D Stereo Bridged Audio Amplifier Evaluation Board
MP7782DF MPS-MP7782DF Datasheet
537Kb / 7P
40W Class D Stereo Bridged Audio Amplifier Evaluation Board
More results

Similar Description - MP7782DF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZA2030 ETC1-ZA2030 Datasheet
154Kb / 5P
AAM 30W Class-D Bridged Audio Amplifier
MP7782 ETC1-MP7782 Datasheet
1Mb / 8P
Mono Bridged Audio Amplifier
logo
Monolithic Power System...
EV7782DF-00A MPS-EV7782DF-00A Datasheet
321Kb / 5P
50W Class D Mono Bridged Audio Amplifier Evaluation Board
MP7731 MPS-MP7731 Datasheet
274Kb / 9P
5W - 30W Class D Mono Bridged Audio Amplifier
logo
Texas Instruments
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
Class-D Mono Audio Amplifier
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
Mono Class-D Audio Amplifier
logo
Monolithic Power System...
MPQ7731 MPS-MPQ7731 Datasheet
249Kb / 10P
5W - 30W Class D Mono Bridged Audio Amplifier
EV7731DF-00A MPS-EV7731DF-00A Datasheet
209Kb / 6P
30W Class D Mono Bridged Audio Amplifier
EV7782DF-01A MPS-EV7782DF-01A Datasheet
370Kb / 6P
40W Class D Stereo Bridged Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com