Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA2003H Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SAA2003H
Description  Stereo filter and codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA2003H Datasheet(HTML) 3 Page - NXP Semiconductors

  SAA2003H Datasheet HTML 1Page - NXP Semiconductors SAA2003H Datasheet HTML 2Page - NXP Semiconductors SAA2003H Datasheet HTML 3Page - NXP Semiconductors SAA2003H Datasheet HTML 4Page - NXP Semiconductors SAA2003H Datasheet HTML 5Page - NXP Semiconductors SAA2003H Datasheet HTML 6Page - NXP Semiconductors SAA2003H Datasheet HTML 7Page - NXP Semiconductors SAA2003H Datasheet HTML 8Page - NXP Semiconductors SAA2003H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
May 1994
3
Philips Semiconductors
Preliminary specification
Stereo filter and codec
SAA2003
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MBD618
CLOCK GENERATOR
X22IN
X22OUT
X24IN
X24OUT
CLK22
CLK24
X256
FS256
FS128
FS256
6.15 MHz
SBMCLK
19
20
TEST0
TEST1
6510
9411
37
38
28
7
39
VDD1 VDD2 VDD3
IEC 958
OUTPUT
BASEBAND
SERIAL
INTERFACE
AND
PEAK
DETECTOR
29
36
35
34
33
STEREO SUBBAND
FILTER PROCESSOR
PASC CODEC
PROCESSOR
SUBBAND
SERIAL
INTERFACE
22
26
25
24
23
SBWS
SBCL
SBDA
SBDIR
SBEF
IECOP
WS
SCK
SD1
SD2
21
13
12
URDA
RESET
SLEEP
L3DATA
L3MODE
SYNCDAI
LTCNT0
L3CLK
FDIR
LTCNT1
MICROCONTROLLER
INTERFACE AND CONTROL
FDAO
FDWS
FDCL
FSYNC
27
8
40
VSS1 VSS2 VSS3
43
2
3
44
1
FDAI
FILTERED DATA
INTERFACE
SAA2003
32
31
30
MUTEDAC
ATTDAC
DEEMDAC
17
18
14
15
16
41
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com