Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA2003H Datasheet(PDF) 34 Page - NXP Semiconductors

Part # SAA2003H
Description  Stereo filter and codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA2003H Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button SAA2003H Datasheet HTML 30Page - NXP Semiconductors SAA2003H Datasheet HTML 31Page - NXP Semiconductors SAA2003H Datasheet HTML 32Page - NXP Semiconductors SAA2003H Datasheet HTML 33Page - NXP Semiconductors SAA2003H Datasheet HTML 34Page - NXP Semiconductors SAA2003H Datasheet HTML 35Page - NXP Semiconductors SAA2003H Datasheet HTML 36Page - NXP Semiconductors SAA2003H Datasheet HTML 37Page - NXP Semiconductors SAA2003H Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
May 1994
34
Philips Semiconductors
Preliminary specification
Stereo filter and codec
SAA2003
Drive processing interface timing; see Fig.23
tcy
SCK cycle time
−
1302
−
ns
tcH
SCK HIGH time
460
651
−
ns
tcL
SCK LOW time
460
651
−
ns
td1
SBWS and SBDA delay time
until SCK LOW
20
−−
ns
td2
SCK delay time until SBWS
and SBDA valid
−−
20
ns
tsu1
SBDA input set-up time before
SCK HIGH
235
−−
ns
th1
SBDA input hold time after
SCK HIGH
30
−−
ns
tsu2
set-up time from SCK HIGH
until SBEF valid
−−
90
ns
th2
SBEF input hold time after
SCK HIGH
380
−−
ns
Filtered data interface timing; see Fig.21
FDCL, FDWS, FDAI AND FDAO
f256
FS256 frequency
fs = 48 kHz
−
12.288
−
MHz
fs = 44.1 kHz
−
11.2896
−
MHz
fs = 32 kHz
−
8.192
−
MHz
Tc
FDCL cycle time
fs = 48 kHz
−
325.6
−
ns
tFH
FS256 HIGH time
fs = 48 kHz; note 2
35
−−
ns
fs = 44.1 kHz; note 2
38
−−
ns
fs = 32 kHz; note 2
75
−−
ns
tFL
FS256 LOW time
fs = 48 kHz; note 2
35
−−
ns
fs = 44.1 kHz; note 2
38
−−
ns
fs = 32 kHz; note 2
35
−−
ns
td1
FS256 delay time until FDCL
transition
0
−
50
ns
tcH
FDCL HIGH time
fs = 48 kHz
143
−−
ns
tcL
FDCL LOW time
fs = 48 kHz
143
−−
ns
th2
FDWS, FDAO and FSYNC
hold time after FS256 HIGH
0
−−
ns
td2
FS256 HIGH delay time until
FDWS, FDAO and FSYNC
valid
0
−
50
ns
tsu
FDAI input set-up time before
FS256 HIGH
20
−−
ns
th1
FDAI input hold time after
FS256 HIGH
30
−−
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com