Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA2013 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SAA2013
Description  Adaptive allocation and scaling for PASC coding in DCC systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA2013 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SAA2013 Datasheet HTML 17Page - NXP Semiconductors SAA2013 Datasheet HTML 18Page - NXP Semiconductors SAA2013 Datasheet HTML 19Page - NXP Semiconductors SAA2013 Datasheet HTML 20Page - NXP Semiconductors SAA2013 Datasheet HTML 21Page - NXP Semiconductors SAA2013 Datasheet HTML 22Page - NXP Semiconductors SAA2013 Datasheet HTML 23Page - NXP Semiconductors SAA2013 Datasheet HTML 24Page - NXP Semiconductors SAA2013 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
May 1994
21
Philips Semiconductors
Preliminary specification
Adaptive allocation and scaling for PASC
coding in DCC systems
SAA2013
CHARACTERISTICS
VDD = 2.7 to 5.5 V; VSS = 0 V;Tamb = −40 to 85 °C; unless otherwise specified; IOL and IOH derated by 75% for
VDD < 4.5 V.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD
supply voltage
2.7
5.0
5.5
V
IDD
supply current
VDD = 3.0 V
4
5
6
mA
VDD = 5.0 V
7
10
12
mA
Istb
standby current
VDD = 5.0 V
−−
400
µA
Inputs
VIL
LOW level input voltage
0
−
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
−
VDD
V
ILI
input leakage current
VI =0toVDD
−10
−
+10
µA
CI
input capacitance
−−
10
pF
Outputs
VOL
LOW level output voltage
IOL = 4 mA
0
−
0.4
V
VOH
HIGH level output voltage
IOH = −4mA
VDD − 0.4
−
VDD
V
CL
load capacitance
−−
30
pF
Inputs/outputs
VIL
LOW level input voltage
0
−
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
−
VDD
V
ILI
3-state leakage current
VI =0toVDD
−10
−
+10
µA
CI
input capacitance
−−
10
pF
VOL
LOW level output voltage
IOL = 4 mA
0
−
0.4
V
VOH
HIGH level output voltage
IOH = −4mA
VDD − 0.4
−
VDD
V
CL
load capacitance
−−
30
pF
Clock input CLK24
fi
input frequency
see Fig.19
−
24.576
−
MHz
tr
rise time
−−
7ns
tf
fall time
−−
7ns
tcH
HIGH time
10
−−
ns
tcL
LOW time
10
−−
ns
Clock input FS256
fi
input frequency
fs =48kHz
−
12.288
−
MHz
fs = 44.1 kHz
−
11.2896
−
MHz
fs =32kHz
−
8.192
−
MHz
tr
rise time
−−
7ns
tf
fall time
−−
7ns
tcH
HIGH time
35
−−
ns
tcL
LOW time
35
−−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com