Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8103 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8103
Description  Dual Ultra Low Power 1.8V, 600kHz Op Amp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8103 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8103 Datasheet HTML 1Page - Monolithic Power Systems MP8103 Datasheet HTML 2Page - Monolithic Power Systems MP8103 Datasheet HTML 3Page - Monolithic Power Systems MP8103 Datasheet HTML 4Page - Monolithic Power Systems MP8103 Datasheet HTML 5Page - Monolithic Power Systems MP8103 Datasheet HTML 6Page - Monolithic Power Systems MP8103 Datasheet HTML 7Page - Monolithic Power Systems MP8103 Datasheet HTML 8Page - Monolithic Power Systems MP8103 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MP8103
Dual Ultra Low Power
1.8V, 600kHz Op Amp
MP8103 Rev. 0.9
www.MonolithicPower.com
1
8/9/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
The Future of Analog IC Technology
TM
TM
DESCRIPTION
The MP8103 is a single supply, dual rail-to-rail
output operational amplifier. This amplifier
provides 600KHz bandwidth while consuming
an incredibly low 14µA of supply current. The
MP8103 can operate with a single supply
voltage as low as 1.8V. The input common
mode can go below the negative rail. The
maximum supply voltage is 5.5V which allows
the device to operate from ±0.9V to ±2.75V or a
single supply. The MP8103 is available in an 8-
pin 3mm x 5mm MSOP package.
FEATURES
• Single Supply Operation: 1.8V to 5.5V
• 600KHz –3dB Bandwidth
• 14µA Supply Current
• Rail-to-Rail Output
• Unity-Gain Stable
• Input Common Mode to Ground
• Drives Up to 1000pF of Capacitive Loads
• High Slew Rate: 0.1V/µs
• Available in a MSOP8 Package
APPLICATIONS
• Portable Equipment
• PDAs
• Pagers
• Cordless Phones
• Handheld GPS
• Consumer Electronics
• Smoke Detector
• Portable Medical Equipment
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
--
+
V+
V+ = 1.8V-5.5V
VIN
VOUT
1/2 MP8103


Similar Part No. - MP8103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP810 ETC1-MP810 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Dc Components
MP810 DCCOM-MP810 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
logo
GOOD-ARK Electronics
MP810 GOOD-ARK-MP810 Datasheet
97Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
MP810 CHENG-YI-MP810 Datasheet
125Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Formosa MS
MP810 FORMOSA-MP810 Datasheet
112Kb / 6P
Bridge Rectifier
More results

Similar Description - MP8103

ManufacturerPart #DatasheetDescription
logo
AUK corp
A358 AUK-A358 Datasheet
199Kb / 4P
Low Power Dual OP AMP
S358 AUK-S358 Datasheet
212Kb / 4P
Low Power Dual OP AMP
S358P AUK-S358P Datasheet
217Kb / 3P
Low Power Dual OP AMP
logo
Monolithic Power System...
MP8102 MPS-MP8102 Datasheet
636Kb / 9P
Ultra Low Power 1.8V, 600kHz Op Amp
logo
AUK corp
S358 AUK-S358_1 Datasheet
212Kb / 4P
Low Power Dual OP AMP
S358P AUK-S358P_1 Datasheet
213Kb / 4P
Low Power Dual OP AMP
logo
Suntac Electronic Corp.
STC358 SUNTAC-STC358 Datasheet
130Kb / 3P
Low Power Dual OP AMP
logo
Monolithic Power System...
MP8101 MPS-MP8101 Datasheet
643Kb / 10P
Ultra Low Power 1.8V, 400KHz Op Amp
MP8104 MPS-MP8104 Datasheet
470Kb / 10P
Ultra Low Power 1.8V, 400KHz Op Amp With Industry Standard Pin-Out
logo
Microchip Technology
MIC860 MICROCHIP-MIC860 Datasheet
516Kb / 22P
Ultra-Low Power Op Amp
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com