Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8801 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8801
Description  Low Dropout 150mA Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8801 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8801 Datasheet HTML 1Page - Monolithic Power Systems MP8801 Datasheet HTML 2Page - Monolithic Power Systems MP8801 Datasheet HTML 3Page - Monolithic Power Systems MP8801 Datasheet HTML 4Page - Monolithic Power Systems MP8801 Datasheet HTML 5Page - Monolithic Power Systems MP8801 Datasheet HTML 6Page - Monolithic Power Systems MP8801 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MP8801 – LOW DROPOUT, 150mA LINEAR REGULATOR
MP8801 Rev. 1.7
www.MonolithicPower.com
3
10/3/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 4.5V, VOUT = 2.85V, C1 = 1µF, C2 = 0.1µF, C3 = 2.2µF, TA = +25°C unless otherwise noted.
Load-Transient Response
(Circuit in Figure 3)
Line-Transient Response
(Circuit in Figure 3)
ILOAD
(50mA/div.)
VOUT
(20mV/div.)
VIN
(1V/div.)
VOUT
(10mV/div.)
2.87
2.865
2.86
2.855
2.85
2.845
2.84
34567
VIN (V)
VOUT vs. VIN
135
130
125
120
115
110
105
0
50
100
150
ILOAD (mA)
IGND vs ILOAD
135
130
125
120
115
110
105
80
70
60
50
40
30
20
10
234567
0.01
0.1
1
10
100
1000
VIN (V)
IGND vs VIN
FREQUENCY (Hz)
FREQUENCY (KHz)
Output Noise
Spectral Density
128
102.4K
FREQUENCY (Hz)
128
102.4K
Output Noise
Spectral Density
160
140
120
100
80
60
40
20
0
0
20 40 60 80 100 120 140 160
ILOAD (mA)
VDROPOUT vs ILOAD
PSRR vs Frequency
IOUT = 150mA
IOUT = 1mA
x: 1.024kHz
y: 240.013n
x: 1.024kHz
y: 287.004n
ILOAD = 1mA
ILOAD = 1mA
VIN = 6.5V
VIN = 5.0V
VIN = 2.7V
ILOAD = 150mA
ILOAD = 150mA
4V
3V
2.85V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com