Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8801 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8801
Description  Low Dropout 150mA Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8801 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8801 Datasheet HTML 1Page - Monolithic Power Systems MP8801 Datasheet HTML 2Page - Monolithic Power Systems MP8801 Datasheet HTML 3Page - Monolithic Power Systems MP8801 Datasheet HTML 4Page - Monolithic Power Systems MP8801 Datasheet HTML 5Page - Monolithic Power Systems MP8801 Datasheet HTML 6Page - Monolithic Power Systems MP8801 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MP8801 – LOW DROPOUT, 150mA LINEAR REGULATOR
MP8801 Rev. 1.7
www.MonolithicPower.com
4
10/3/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
IN
Power Source Input. IN supplies the internal power to the MP8801 and is the source of the
pass transistor. Bypass IN to GND with a 1µF or greater capacitor.
2
GND
Ground.
3
EN
Enable Input. Drive EN high to turn on the MP8801; low to turn it off. For automatic startup,
connect EN to IN.
4
FB
Feedback Input. Connect a resistive voltage divider from OUT to FB to set the output
voltage. The OUT feedback threshold is 1.222V.
5
OUT
Regulator Output. OUT is the output of the linear regulator. Bypass OUT to GND with a
1µF or greater capacitor.
OPERATION
The MP8801 is a low-current, low-noise,
high-PSRR, low-dropout linear regulator. It is
intended for use in devices that require very low
noise power supplies and high-PSRR such as
PLL VCO supplies for mobile handsets and
802.11 PC Cards, as well as audio codecs and
microphones. The MP8801 uses a PMOS pass
element and features internal thermal shutdown.
The normally fixed output MP8801 may be
converted to an adjustable output device by
applying a resistor divider network as shown in
Figure 2. An optional feed-forward capacitor,
CBYP, may be added for an improved transient
response.
VIN
VEN
C3
GND
FB
OUT
IN
1
EN
VOUT
--
+
BANDGAP
REFERENCE
INTERNAL
RESISTOR
DIVIDER
CBYP
2
3
4
5
Figure 1—Ultra-Low-Noise Fixed Output Regulator
VIN
VEN
COUT
CBYP
R1
R2
VOUT
--
+
BANDGAP
REFERENCE
GND
FB
OUT
EXTERNAL
RESISTOR
DIVIDER
1
2
3
4
5
Figure 2—Ultra-Low-Noise Adjustable Regulator: VOUT = VFB(1+(R1/R2))



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com