Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7301 Datasheet(PDF) 2 Page - EPCOS

Part # B7301
Description  SAW Components Low-Loss Filter for Mobile Communication 400,0 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7301 Datasheet(HTML) 2 Page - EPCOS

  B7301 Datasheet HTML 1Page - EPCOS B7301 Datasheet HTML 2Page - EPCOS B7301 Datasheet HTML 3Page - EPCOS B7301 Datasheet HTML 4Page - EPCOS B7301 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Mar 26, 2001
SAW Components
B7301
400,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Chip Sized SAW Package DCS8A
Features
q
Low-loss IF filter for mobile telephone
q
Channel selection in GSM, PCN, PCS systems
q
Chip Sized SAW Package
q
Balanced and unbalanced operation possible
q
expansion coil for minimum insertion attenuation
and optimum bandwidth adjustment
Terminals
q
Gold-plated Ni
Dimensions in mm, approx. weight 0,05 g
Pin configuration
1
Input
2
Input ground or balanced input
6
Output
5
Output ground or balanced output
3, 4, 7
Ground
8
Expansion coil
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B7301
B39401-B7301-A910
C61157-A7-A65
F61074-V8102-Z000
Maximum ratings
Operable temperature range
TA
– 30/+ 85
˚C
Storage temperature range
Tstg
– 40/+ 85
˚C
DC voltage
VDC
0V
Source power
Ps
10
dBm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com