Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7301 Datasheet(PDF) 3 Page - EPCOS

Part # B7301
Description  SAW Components Low-Loss Filter for Mobile Communication 400,0 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7301 Datasheet(HTML) 3 Page - EPCOS

  B7301 Datasheet HTML 1Page - EPCOS B7301 Datasheet HTML 2Page - EPCOS B7301 Datasheet HTML 3Page - EPCOS B7301 Datasheet HTML 4Page - EPCOS B7301 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Mar 26, 2001
SAW Components
B7301
400,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -25 ˚C ... +80 ˚C
Terminating source impedance:
ZS = 640Ω || 100 nH
Terminating load impedance:
ZL = 640Ω || 120 nH
1) Temperature dependence of fc: fc(T) = fc(T0)(1 + TCf(T – T0)2
Test matching network to 50
Ω, low pass example (actual element values depend on PCB layout.
S-parameters of transformers TOKO B5FL available on request):
min.
typ.
max.
Nominal frequency
fN
—
400,00
—
MHz
Maximum insertion attenuation
α
max
—
4,3
6,0
dB
(Including losses in matching circuit)
Amplitude ripple (p-p)
∆α
fN - 83.0 kHz
...
fN + 83.0 kHz
—
0,2
2,0
dB
Group delay ripple (p-p)
∆τ
fN - 83.0 kHz
...
fN + 83.0 kHz
—
0,4
1,0
µs
Relative attenuation (relative to
α
max)
α
rel
fN - 30,00 MHz
...
fN - 1,50 MHz
37
53
—
dB
fN - 1,50 MHz
...
fN - 0,80 MHz
22
46
—
dB
fN - 0,80 MHz
...
fN - 0,60 MHz
12
48
—
dB
fN - 0,60 MHz
...
fN - 0,40 MHz
9
25
—
dB
fN + 0,40 MHz
...
fN + 0,60 MHz
9
18
—
dB
fN + 0,60 MHz
...
fN + 0,80 MHz
12
31
—
dB
fN + 0,80 MHz
...
fN + 1,50 MHz
22
39
—
dB
fN + 1,50 MHz
...
fN + 30,00 MHz
37
50
—
dB
Impedance within pass band
Input:
ZIN
=
RIN
||
CIN
—
640 || 1,6
—
Ω || pF
Output:
ZOUT = ROUT || COUT
—
640 || 1,4
—
Ω || pF
Temperature coefficient of frequency 1)
TCf
—
-0,038
—
ppm/K2
Frequency inversion point
T0
—36
—
˚C
Lc
= 39 nH
Cp1 = Cp4 = 6,8 pF
Ls2 = Ls3 = 33 nH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com