Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS11368 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PS11368
Description  Duplex Fibre Patchcords
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS11368 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PS11368 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS11368 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS11368 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS11368 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS11368 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS11368 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS11368 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Duplex Fibre Patchcords
Page <4>
22/10/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Patchcord, Fibre, Duplex, LC-LC, OM1
Specifications
Port A
Port B
Connector Type
LC/MM
LC/MM
Connector Body
Material
Plastic
Plastic
Colour
Beige
Beige
Connector Boot
Material
Plastic
Plastic
Colour
Red and Black
Red and Black
Patchcord Length (Metre)
Customized
Optical Cable
Fibre Type
OM1 62.5 / 125 um
Fibre Count
2
Outer Sheath
LSZH
Cable Outer Diameter
2 × 2 mm
Strength Member
DuPont Kevlar
Outer Sheath
LSZH
Cable Colour
Orange
Ferrule
Diameter
1.25 mm
1.25 mm
Type
MM
MM
Material
ZrO2 (Ceramic)
ZrO2 (Ceramic)
Connection at Cable
Crimp and Heat
Shrinkable Tubing
Crimp and Heat
Shrinkable Tubing
Connection at Fibre
353ND Glue
353ND Glue
Connection at Adapter
RJ45 Style
RJ45 Style
Polishing
PC
PC
Insertion Loss (dB)
< 0.3
< 0.3
Dimensions : Millimetres



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com