Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS11368 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PS11368
Description  Duplex Fibre Patchcords
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS11368 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PS11368 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS11368 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS11368 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS11368 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS11368 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS11368 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS11368 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Duplex Fibre Patchcords
Page <1>
22/10/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Patchcord, Fibre, Duplex, ST-ST, OM1
Specifications
Port A
Port B
Connector Type
ST/MM
ST/MM
Connector Body
Material
Zn Alloy
Zn Alloy
Colour
-
-
Connector Boot
Material
Plastic
Plastic
Colour
Red and Black
Red and Black
Patchcord Length (Metre)
Customized
Optical Cable
Fibre Type
OM1 62.5 / 125 um
Fibre Count
2
Outer Sheath
LSZH
Cable Outer Diameter
2 × 2 mm
Strength Member
DuPont Kevlar
Outer Sheath
LSZH
Cable Colour
Orange
Ferrule
Diameter
2.5 mm
2.5 mm
Type
MM
MM
Material
ZrO2 (Ceramic)
ZrO2 (Ceramic)
Connection at Cable
Crimp
Crimp
Connection at Fibre
353ND Glue
353ND Glue
Connection at Adapter
Twist - Lock Bayonet
Twist - Lock Bayonet
Polishing
PC
PC
Insertion Loss (dB)
< 0.3
< 0.3
Dimensions : Millimetres


Similar Part No. - PS11368

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS11360 ETC-PS11360 Datasheet
198Kb / 7P
Duplex Fibre Patchcords
22/10/11 V1.1
PS11361 ETC-PS11361 Datasheet
198Kb / 7P
Duplex Fibre Patchcords
22/10/11 V1.1
PS11362 ETC-PS11362 Datasheet
198Kb / 7P
Duplex Fibre Patchcords
22/10/11 V1.1
PS11363 ETC-PS11363 Datasheet
198Kb / 7P
Duplex Fibre Patchcords
22/10/11 V1.1
PS11364 ETC-PS11364 Datasheet
198Kb / 7P
Duplex Fibre Patchcords
22/10/11 V1.1
More results

Similar Description - PS11368

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
889R-F6ACA-2 ALLEN-BRADLEY-889R-F6ACA-2 Datasheet
33Kb / 1P
Cordsets and Patchcords
889N-F4AE-6F ALLEN-BRADLEY-889N-F4AE-6F Datasheet
38Kb / 1P
Cordsets and Patchcords
889M-F12AHMU-0M3 ALLEN-BRADLEY-889M-F12AHMU-0M3 Datasheet
43Kb / 1P
Cordsets and Patchcords
889M-F12AH-2 ALLEN-BRADLEY-889M-F12AH-2 Datasheet
34Kb / 1P
Cordsets and Patchcords
889D-F4AC-2 ALLEN-BRADLEY-889D-F4AC-2 Datasheet
36Kb / 1P
Cordsets and Patchcords
logo
Richco, Inc.
OFDS-1 RICHCO-OFDS-1 Datasheet
52Kb / 1P
OPTICAL FIBRE DUPLEX SPLITTER
logo
List of Unclassifed Man...
PS11395 ETC2-PS11395 Datasheet
195Kb / 7P
Duplex Fibre Patchcords
logo
Molex Electronics Ltd.
1060340100 MOLEX-1060340100 Datasheet
24Kb / 1P
SC Connector, Duplex, Fibre Channel, Multimode, 127關m Ceramic Ferrule, 1.60mm Duplex Cable, Beige Housing, Beige Boot, Tunable
1060343000 MOLEX-1060343000 Datasheet
24Kb / 1P
SC Connector, Duplex, Fibre Channel, Multimode, 128關m Ceramic Ferrule, 3.00mm Duplex Cable, Beige Housing, Beige Boot, Tunable
1060343100 MOLEX-1060343100 Datasheet
24Kb / 1P
SC Connector, Duplex, Fibre Channel, Multimode, 128關m Ceramic Ferrule, 1.60mm Duplex Cable, Beige Housing, Beige Boot, Tunable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com