Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG59 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # RG59
Description  Paladin Tools
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RG59 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button RG59 Datasheet HTML 17Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 18Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 19Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 20Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 21Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 22Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 23Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 24Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 116 page
background image
Faster network installations, reduced hand fatigue and labor costs!
We introduced the SurePunch® Pro with the first and only detachable LED light to elimi-
nate working in the dark. We now bring you the reversible Double-110/110 punchdown
blade so you terminate pairs with each punch, not a single conductor. It is a twist-&-lock-
style blade and works with standard 110 jacks and panels with .150” center spacing.
Features and Advantages:
■ Terminate cable in a single punch – including 23AWG Cat6
■ Detachable light with long-life LED specially designed to focus the light on the
panel work area
■ Luminous intensity of the LED is 2200 mcd
■ Finger grips and non-slip rubber-embedded cushioned handle for comfort
■ Multi-use spudger that can be used as a screwdriver or an IDC contact insertion tool
■ Hook to feed wires through holes
■ Pick to separate bonded twisted pair cables or to strip insulation and cut wire
■ Adjustable HI/LO spring compression for all cable types.
LO = 27.5 lbs (122 N), HI = 37.5 lbs (167 N)
■ Uses all twist-and-lock style blades
■ Blade storage area in end of handle with comfortable latch cover
■ Lifetime warranty on tool
■ One-year warranty on blades and light
SurePunchTM Pro Punchdown Tool
Ordering/Description
Part Number
Tools with lights
SurePunch Pro PDT handle (no blade) and light
3590
SurePunch Pro PDT with Double 110 blade & light
3584
SurePunch Pro PDT with 110 & 66 reversible cut & punch/punch-only blades & light
3587
SurePunch Pro PDT with 110/66 combination cut-only blade & light
3588
SurePunch Pro PDT with 110 reversible cut & punch/punch-only blade & light
3596
SurePunch Pro PDT with 66 reversible cut & punch/punch-only blade & light
3597
SurePunch Pro PDT with BIX™ cut-only (scissors-type) blade & light
3598
SurePunch Pro PDT with Krone LSA cut-only (scissors-type) blade & light
3599
Ordering/Description
Part Number
Tools without lights
SurePunch Pro PDT handle (no blade)
3589
SurePunch Pro PDT with Double 110 blade
3585
SurePunch Pro PDT with 110 & 66 reversible cut & punch/punch-only blades
3586
SurePunch Pro PDT with 110/66 combination cut-only blade
3591
SurePunch Pro PDT with 110 reversible cut & punch/punch-only blade
3592
SurePunch Pro PDT with 66 reversible cut & punch/punch-only blade
3593
SurePunch Pro PDT with BIX™ cut-only (scissors-type) blade
3594
SurePunch Pro PDT with Krone LSA (scissors-type) blade
3595
Ordering/Description
Part Number
SurePunch Pro detachable light and batteries
4599
See page 20 for individual blades
19
solutions
www.paladin-tools.com
Phone 800.272.8665
Punchdown Tools
Twisted Pair Cable
2 TwistedPair 07 FINAL:54177_p030_057_out
10/23/07
12:36 PM
Page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com