Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG59 Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # RG59
Description  Paladin Tools
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RG59 Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button RG59 Datasheet HTML 54Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 55Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 56Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 57Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 58Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 59Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 60Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 61Page - List of Unclassifed Manufacturers RG59 Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 116 page
background image
56
www.paladin-tools.com
solutions
Coaxial Cable
Crimpers
Phone 800.272.8665
Int’l Phone 001.804.550.1121
The first crimp tool with
a double-plated jaw design
for longer life span
Higher crimp
force with less
hand force
No breakover force
Lanyard hole
Ultra-smooth ratchet design
makes this tool a dream to use.
Comfortable to use
for any size hand.
8045
CrimpALL® Series Crimpers
The 8000 Series CrimpALL® is designed with user satisfaction
in mind. This world-class crimp tool is designed for superior
comfort and ease of use. It is an exceptional value and uses
the same die sets as our 1300 Series crimpers.
Features:
■ Ultra-smooth, fully ratcheting crimp cycle with
built-in safety release
■ Interchangeable die sets of heat-treated steel for long life
■ Soft, rubber-embedded handles
■ Long-lasting tool that delivers over 50,000 crimp cycles
■ Rugged, double-plated jaw design to increase life span
■ Lifetime warranty
Advantages:
■ Angled head to prevent awkward wrist bending during operation
■ Reduced handle grip distance makes it easy for both small and large hands
■ Higher crimp force produced with less hand force so hand doesn’t
tire as quickly
■ No breakover hand force – the effort required by most crimpers to
make the last click at the end of the cycle to complete the crimp –
the CrimpALL does the work!
■ Manufactured using the newest fine blanking technologies
■ EZI-Change™ die screws make changing dies quick and easy –
no screwdriver required
Technical
Weight
Length
CrimpALL® tool frame
21 oz. (600 g)
9.84" (250 mm)
Die set
2 oz. (57 g)
Ordering
Part Number
CrimpALL® tool frame
8000
Replacement EZI-Change
™ die screws (2)
2303
Replacement fixed die screws (2)
2306
Replacement handles
8000.9
Reduced grip distance
Angled head
EZI-Change™
Thumb Screws
4 Coax 07 FINAL:54177_p066_085_out
10/18/07
4:49 PM
Page 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com