Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7705 Datasheet(PDF) 2 Page - EPCOS

Part # B7705
Description  SAW Components Low-Loss Filter for Mobile Communication 942,5 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7705 Datasheet(HTML) 2 Page - EPCOS

  B7705 Datasheet HTML 1Page - EPCOS B7705 Datasheet HTML 2Page - EPCOS B7705 Datasheet HTML 3Page - EPCOS B7705 Datasheet HTML 4Page - EPCOS B7705 Datasheet HTML 5Page - EPCOS B7705 Datasheet HTML 6Page - EPCOS B7705 Datasheet HTML 7Page - EPCOS B7705 Datasheet HTML 8Page - EPCOS B7705 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Oct 27, 2004
SAW Components
B7705
942,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
2,5
0,5
23
4
5
0,1
Chip sized SAW package QCS5H
Features
s
Low-loss RF filter for mobile telephone
EGSM system, receive path
s
Low amplitude ripple
s
Usable passband 35 MHz
s
Unbalanced to balanced operation
s
Excellent symmetry
s
Impedance transformation from 50
to 150
s
Ceramic package for Surface Mounted
Technology (SMT)
s
Pb-free
Terminals
s
Ni, gold-plated
Dimensions in mm, approx. weight 0,015 g
Pin configuration
1
Input, unbalanced
3, 4
Output, balanced
2, 5
Case ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B7705
B39941-B7705-K910
C61157-A7-A71
F61074-V8104-Z000
Maximum ratings
Operable temperature range
T
– 25 / + 85
˚C
Storage temperature range
Tstg
– 40 / + 85
˚C
DC voltage
VDC
3,5
V
ESD voltage
V*ESD
100*
V
Input power max.
880 ... 915 MHz
925 ... 960 MHz
1710 ...1910 MHz
1920 ...1980 MHz
2402 ...2480 MHz
elsewhere
PIN
18
8
18
10
4
0
dBm
dBm
source impedance 50
Ω,
load impedance 150
Ω;
CW input for min. 2000h
* - acc. to JESD22-A115A (Machine Model), 10 negative & 10 positive pulses



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com